Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28W640 Datasheet(PDF) 4 Page - STMicroelectronics

Part # M28W640
Description  64 Mbit 4Mb x16, Boot Block 3V Supply Flash Memory
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W640 Datasheet(HTML) 4 Page - STMicroelectronics

  M28W640 Datasheet HTML 1Page - STMicroelectronics M28W640 Datasheet HTML 2Page - STMicroelectronics M28W640 Datasheet HTML 3Page - STMicroelectronics M28W640 Datasheet HTML 4Page - STMicroelectronics M28W640 Datasheet HTML 5Page - STMicroelectronics M28W640 Datasheet HTML 6Page - STMicroelectronics M28W640 Datasheet HTML 7Page - STMicroelectronics M28W640 Datasheet HTML 8Page - STMicroelectronics M28W640 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 54 page
background image
M28W640CT, M28W640CB
4/54
Figure 13. TSOP48 - 48 lead Plastic Thin Small Outline, 12 x20mm, Package Outline .... ....30
Table 19. TSOP48 - 48 lead Plastic Thin Small Outline, 12 x 20mm, Package Mechanical Data . 30
Figure 14. TFBGA48 - 8 x 6 ball array, 0.75 mm pitch, Bottom View Package Outline ..... ....31
Table 20. TFBGA48 - 8 x 6 ball array, 0.75 mm pitch, Package Mechanical Data ... ...... ....31
Figure 15. TFBGA48 Daisy Chain - Package Connections (Top view through package) .... ....32
Figure 16. TFBGA48 Daisy Chain - PCB Connections proposal (Top view through package) ....32
PART NUMBERING .. ...... ...... ....... ...... ....... ...... ....... ...... ...... ....33
Table 21. Ordering Information Scheme ... ...... ....... ...... ....... ...... ...... ....33
Table 22. DaisyChain Ordering Scheme . . ...... ....... ...... ....... ...... ...... ....33
REVISION HISTORY. . ...... ...... ....... ...... ....... ...... ....... ...... ...... ....34
Table 23. Document Revision History ..... ...... ....... ...... ....... ...... ...... ....34
APPENDIX A. BLOCK ADDRESS TABLES . . ...... ....... ...... ....... ...... ...... ....35
Table 24. Top Boot Block Addresses, M28W640CT ....... ...... ....... ...... ...... ....35
Table 25. Bottom Boot Block Addresses, M28W640CB .... ...... ....... ...... ...... .... 37
APPENDIXB. COMMONFLASH INTERFACE (CFI) . ....... ...... ....... ...... ...... ....39
Table 26. Query Structure Overview ...... ...... ....... ...... ....... ...... ...... ....39
Table 27. CFI Query Identification String . . ...... ....... ...... ....... ...... ...... ....39
Table 28. CFIQuerySystem Interface Information . ....... ...... ....... ...... ...... .... 40
Table 29. Device Geometry Definition ..... ...... ....... ...... ....... ...... ...... ....41
Table 30. Primary Algorithm-Specific Extended Query Table ...... ....... ...... ...... ....42
Table 31. Security Code Area .... ....... ...... ....... ...... ....... ...... ...... ....43
APPENDIX C. FLOWCHARTS AND PSEUDO CODES....... ...... ....... ...... ...... ....44
Figure 17. Program Flowchart and Pseudo Code . . ....... ...... ....... ...... ...... ....44
Figure 18. Double Word Program Flowchart and Pseudo Code .... ....... ...... ...... ....45
Figure 19. Quadruple Word Program Flowchart and Pseudo Code . ....... ...... ...... ....46
Figure 20. Program Suspend & Resume Flowchart and Pseudo Code ..... ...... ...... ....47
Figure 21. Erase Flowchart and Pseudo Code .... ....... ...... ....... ...... ...... ....48
Figure 22. Erase Suspend & Resume Flowchart and Pseudo Code. ....... ...... ...... .... 49
Figure 23. Locking Operations Flowchart and Pseudo Code ...... ....... ...... ...... ....50
APPENDIXD. COMMAND INTERFACE AND PROGRAM/ERASE CONTROLLER STATE ... .... 52
Table 32. Write State Machine Current/Next, sheet1 of 2. .. ...... ....... ...... ...... ....52
Table 33. Write State Machine Current/Next, sheet2 of 2. .. ...... ....... ...... ...... ....53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com