Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28W640 Datasheet(PDF) 5 Page - STMicroelectronics

Part # M28W640
Description  64 Mbit 4Mb x16, Boot Block 3V Supply Flash Memory
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W640 Datasheet(HTML) 5 Page - STMicroelectronics

  M28W640 Datasheet HTML 1Page - STMicroelectronics M28W640 Datasheet HTML 2Page - STMicroelectronics M28W640 Datasheet HTML 3Page - STMicroelectronics M28W640 Datasheet HTML 4Page - STMicroelectronics M28W640 Datasheet HTML 5Page - STMicroelectronics M28W640 Datasheet HTML 6Page - STMicroelectronics M28W640 Datasheet HTML 7Page - STMicroelectronics M28W640 Datasheet HTML 8Page - STMicroelectronics M28W640 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 54 page
background image
5/54
M28W640CT, M28W640CB
SUMMARY DESCRIPTION
The M28W640C is a 64 Mbit (4 Mbit x 16) non-vol-
atileFlash memory that canbeerasedelectrically
at the block level and programmed in-system on a
Word-by-Word basis. These operations can be
performed using a single low voltage (2.7 to 3.6V)
supply. VDDQ allows to drive the I/O pin down to
1.65V. An optional 12V VPP power supply is pro-
vided to speed up customer programming.
The device features an asymmetrical blocked ar-
chitecture. The M28W640C has an array of 135
blocks: 8 Parameter Blocks of 4 KWord and 127
Main Blocks of 32 KWord. M28W640CT has the
Parameter Blocks at the top of the memory ad-
dress space while the M28W640CB locates the
Parameter Blocks starting from the bottom. The
memory maps are shown in Figure 5, Block Ad-
dresses.
The M28W640C features an instant, individual
block locking scheme that allows any block to be
locked or unlocked with no latency, enabling in-
stant code and data protection. All blocks have
three levels of protection. They can be locked and
locked-down individually preventing any acciden-
tal programming or erasure. There is an additional
hardware protection against program and erase.
When VPP ≤ VPPLK all blocks are protected against
program or erase. All blocks are locked at Power
Up.
Each block can be erased separately. Erase can
be suspended in order to perform either read or
program in any other block and then resumed.
Program can be suspended to read data in any
other block and then resumed. Each block can be
programmed and erased over 100,000 cycles.
The device includes a 192 bit Protection Register
and a Security Block to increase the protection of
a system design. The Protection Register is divid-
ed into a 64 bit segment and a 128 bit segment.
The 64 bit segment contains a unique device num-
ber written by ST, while the second one is one-
time-programmable by the user. The user pro-
grammable segment can be permanently protect-
ed. The Security Block, parameter block 0, can be
permanently protected by the user. Figure 6,
shows the Security Block Memory Map.
Program and Erase commands are written to the
Command Interface of the memory. An on-chip
Program/Erase Controller takes care of the tim-
ings necessary for program and erase operations.
The end of a program or erase operation can be
detected and any error conditions identified. The
command set required to control the memory is
consistent with JEDEC standards.
The memory is offeredinTSOP48 (12 X 20mm)
and TFBGA48 (0.75mm pitch) packages and is
supplied withall thebits erased(set to’1’).
Figure 2. Logic Diagram
Table 1. Signal Names
A0-A21
Address Inputs
DQ0-DQ15
Data Input/Output
E
Chip Enable
G
Output Enable
W
Write Enable
RP
Reset
WP
Write Protect
VDD
Core Power Supply
VDDQ
Power Supply for
Input/Output
VPP
Optional Supply Voltage for
Fast Program & Erase
VSS
Ground
NC
Not Connected Internally
AI04378
22
A0-A21
W
DQ0-DQ15
VDD
M28W640CT
M28W640CB
E
VSS
16
G
RP
WP
VDDQ VPP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com