Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28W640 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M28W640
Description  64 Mbit 4Mb x16, Boot Block 3V Supply Flash Memory
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W640 Datasheet(HTML) 1 Page - STMicroelectronics

  M28W640 Datasheet HTML 1Page - STMicroelectronics M28W640 Datasheet HTML 2Page - STMicroelectronics M28W640 Datasheet HTML 3Page - STMicroelectronics M28W640 Datasheet HTML 4Page - STMicroelectronics M28W640 Datasheet HTML 5Page - STMicroelectronics M28W640 Datasheet HTML 6Page - STMicroelectronics M28W640 Datasheet HTML 7Page - STMicroelectronics M28W640 Datasheet HTML 8Page - STMicroelectronics M28W640 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
1/54
PRELIMINARY DATA
November 2001
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
M28W640CT
M28W640CB
64 Mbit (4Mb x16, Boot Block)
3V Supply Flash Memory
FEATURES SUMMARY
s
SUPPLY VOLTAGE
–VDD = 2.7V to 3.6V Core Power Supply
–VDDQ= 1.65V to 3.3V for Input/Output
–VPP = 12V for fast Program (optional)
s
ACCESS TIME
– 3.0V to 3.6V: 80ns
– 2.7V to 3.6V: 90ns
s
PROGRAMMING TIME:
– 10µs typical
– Double Word Programming Option
– Quadruple Word Programming Option
s
COMMON FLASH INTERFACE
s
MEMORY BLOCKS
– Parameter Blocks (Top or Bottom location)
– Main Blocks
s
BLOCK LOCKING
– All blocks locked at Power Up
– Any combination of blocks can be locked
–WP for Block Lock-Down
s
SECURITY
– 128 bit user Programmable OTP cells
– 64 bit unique device identifier
– One Parameter Block Permanently Lockable
s
AUTOMATIC STAND-BY MODE
s
PROGRAM and ERASE SUSPEND
s
100,000 PROGRAM/ERASE CYCLES per
BLOCK
s
ELECTRONIC SIGNATURE
– Manufacturer Code: 20h
– Top Device Code, M28W640CT: 8848h
– Bottom Device Code, M28W640CB: 8849h
Figure 1. Packages
TSOP48 (N)
12 x 20mm
FBGA
TFBGA48 (ZB)
8 x 6 ball array


Similar Part No. - M28W640

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M28W640EC-ZBE STMICROELECTRONICS-M28W640EC-ZBE Datasheet
838Kb / 55P
64 Mbit 4Mb x16, Boot Block 3V Supply Flash Memory
29-Apr-2003
M28W640EC-ZBF STMICROELECTRONICS-M28W640EC-ZBF Datasheet
838Kb / 55P
64 Mbit 4Mb x16, Boot Block 3V Supply Flash Memory
29-Apr-2003
M28W640EC-ZBT STMICROELECTRONICS-M28W640EC-ZBT Datasheet
838Kb / 55P
64 Mbit 4Mb x16, Boot Block 3V Supply Flash Memory
29-Apr-2003
M28W640ECB STMICROELECTRONICS-M28W640ECB Datasheet
838Kb / 55P
64 Mbit 4Mb x16, Boot Block 3V Supply Flash Memory
29-Apr-2003
M28W640ECB10N1 STMICROELECTRONICS-M28W640ECB10N1 Datasheet
838Kb / 55P
64 Mbit 4Mb x16, Boot Block 3V Supply Flash Memory
29-Apr-2003
More results

Similar Description - M28W640

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M28W640ECT STMICROELECTRONICS-M28W640ECT Datasheet
838Kb / 55P
64 Mbit 4Mb x16, Boot Block 3V Supply Flash Memory
29-Apr-2003
M29W640DT STMICROELECTRONICS-M29W640DT Datasheet
945Kb / 49P
64 Mbit 8Mb x8 or 4Mb x16, Boot Block 3V Supply Flash Memory
10-Dec-2004
M29W641DH STMICROELECTRONICS-M29W641DH Datasheet
641Kb / 42P
64 Mbit 4Mb x16, Uniform Block 3V Supply Flash Memory
08-Apr-2003
M58LW064D STMICROELECTRONICS-M58LW064D Datasheet
349Kb / 50P
64 Mbit (8Mb x8, 4Mb x16, Uniform Block) 3V Supply Flash Memory
02-Sep-2004
M58LW64D STMICROELECTRONICS-M58LW64D Datasheet
783Kb / 50P
64 Mbit (8Mb x8, 4Mb x16, Uniform Block) 3V Supply Flash Memory
02-Sep-2004
M28W640FCB STMICROELECTRONICS-M28W640FCB Datasheet
1Mb / 55P
64 Mbit (4Mb x16, Boot Block) 3V Supply Flash Memory
08-Apr-2005
M29W640FT STMICROELECTRONICS-M29W640FT Datasheet
478Kb / 72P
64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
2005-Dec-15
logo
Numonyx B.V
M29DW641F NUMONYX-M29DW641F Datasheet
1Mb / 80P
64 Mbit (4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
M29W640FT NUMONYX-M29W640FT Datasheet
1Mb / 71P
64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M58LW064C STMICROELECTRONICS-M58LW064C Datasheet
301Kb / 61P
64 Mbit (4Mb x16, Uniform Block, Burst) 3V Supply Flash Memory
16-Dec-2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com