Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28W640 Datasheet(PDF) 26 Page - STMicroelectronics

Part # M28W640
Description  64 Mbit 4Mb x16, Boot Block 3V Supply Flash Memory
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W640 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button M28W640 Datasheet HTML 22Page - STMicroelectronics M28W640 Datasheet HTML 23Page - STMicroelectronics M28W640 Datasheet HTML 24Page - STMicroelectronics M28W640 Datasheet HTML 25Page - STMicroelectronics M28W640 Datasheet HTML 26Page - STMicroelectronics M28W640 Datasheet HTML 27Page - STMicroelectronics M28W640 Datasheet HTML 28Page - STMicroelectronics M28W640 Datasheet HTML 29Page - STMicroelectronics M28W640 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 54 page
background image
M28W640CT, M28W640CB
26/54
Table 16. Write AC Characteristics, Write Enable Controlled
Note: 1. Sampled only, not 100% tested.
2. Applicable if VPP is seen as a logic input (VPP <3.6V).
Symbol
Alt
Parameter
M28W640C
Unit
80
90
tAVAV
tWC
Write Cycle Time
Min
80
90
ns
tAVWH
tAS
Address Valid to Write Enable High
Min
45
50
ns
tDVWH
tDS
Data Valid to Write Enable High
Min
45
50
ns
tELWL
tCS
Chip Enable Low to Write Enable Low
Min
0
0
ns
tELQV
Chip Enable Low to Output Valid
Min
80
90
ns
tQVVPL
(1,2)
Output Valid to VPP Low
Min
0
0
ns
tQVWPL
Output Valid to Write Protect Low
Min
0
0
ns
tVPHWH
(1)
tVPS
VPP High to Write Enable High
Min
200
200
ns
tWHAX
tAH
Write Enable High to Address Transition
Min
0
0
ns
tWHDX
tDH
Write Enable High to Data Transition
Min
0
0
ns
tWHEH
tCH
Write Enable High to Chip Enable High
Min
0
0
ns
tWHEL
Write Enable High to Chip Enable Low
Min
25
30
ns
tWHGL
Write Enable High to Output Enable Low
Min
20
30
ns
tWHWL
tWPH Write Enable High to Write Enable Low
Min
25
30
ns
tWLWH
tWP
Write Enable Low to Write Enable High
Min
45
50
ns
tWPHWH
Write Protect High to Write Enable High
Min
45
50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com