Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8152S100B Datasheet (PDF) - Nisshinbo Micro Devices Inc.

R8152S100B Datasheet PDF - Nisshinbo Micro Devices Inc.
Part # R8152S100B
Download  R8152S100B Download
File Size   724.22 Kbytes
Page   28 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description 1 A 24 V LDO for Automotive Applications

R8152S100B Datasheet (PDF)

Go To PDF Page Download Datasheet
R8152S100B Datasheet PDF - Nisshinbo Micro Devices Inc.

Part # R8152S100B
Download  R8152S100B Click to download

File Size   724.22 Kbytes
Page   28 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description 1 A 24 V LDO for Automotive Applications

R8152S100B Datasheet (HTML) - Nisshinbo Micro Devices Inc.


R8152S100B Product details

FEATURES
● Input Voltage Range (Maximum Rating) ·············· 3.0 V to 24.0 V (36 V)
● Operating Temperature Range ·························· –40°C to 125°C
● Supply Current ·············································· Typ. 70 μA
● Supply Current (Standby Mode) ························ Typ. 0.1 μA
● Output Current ··············································· Min. 1 A
● Line Regulation ·············································· Typ. 0.10%
● Output Voltage Accuracy ·································· 2% (25°C)
● Packages ····················································· HSOP-6J, TO-252-5-P2
● Output Voltage Range ····································· 3.0 V to 12.0 V (adjustable by 0.1 V step)
12.5 V to 18.0 V (adjustable by 0.5 V step)
● Built-in Overcurrent Protection Circuit
● Built-in Output Short-circuit Protection Circuit
● Built-in Thermal Shutdown Circuit




Similar Part No. - R8152S100B

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R8150S020B NISSHINBO-R8150S020B Datasheet
529Kb / 21P
150mA 36V Input LDO Regulator for Automotive Applications
R8150S021B NISSHINBO-R8150S021B Datasheet
529Kb / 21P
150mA 36V Input LDO Regulator for Automotive Applications
R8150S022B NISSHINBO-R8150S022B Datasheet
529Kb / 21P
150mA 36V Input LDO Regulator for Automotive Applications
R8150S023B NISSHINBO-R8150S023B Datasheet
529Kb / 21P
150mA 36V Input LDO Regulator for Automotive Applications
R8150S024B NISSHINBO-R8150S024B Datasheet
529Kb / 21P
150mA 36V Input LDO Regulator for Automotive Applications
More results


Similar Description - R8152S100B

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
FTR-P5 FUJITSU-FTR-P5 Datasheet
672Kb / 8P
SILENT RELAY FOR AUTOMOTIVE APPLICATIONS 1 POLE-25 A
FBR57 FUJITSU-FBR57 Datasheet
417Kb / 8P
COMPACT HIGH POWER RELAY 1 POLE-30 A (28 VDC) (FOR 24 V BATTERY AUTOMOTIVE APPLICATIONS)
FTR-P5 FUJITSU-FTR-P5_08 Datasheet
605Kb / 8P
SILENT RELAY FOR AUTOMOTIVE APPLICATIONS 1 POLE-25 A
logo
Texas Instruments
LM53600-Q1 TI-LM53600-Q1_15 Datasheet
112Kb / 4P
LM5360x-Q1 5-V, 3.3-V, and Adjustable Synchronous-Buck 1-A Regulator for Automotive Applications
logo
ON Semiconductor
AFGB40T65SQDN ONSEMI-AFGB40T65SQDN Datasheet
271Kb / 9P
IGBT for Automotive Applications, 650 V, 40 A, D2PAK
December, 2018 ??Rev. 2
logo
Nisshinbo Micro Devices...
R1130H NISSHINBO-R1130H Datasheet
1Mb / 26P
300 mA LDO Regulator for Automotive Applications
R1170H NISSHINBO-R1170H Datasheet
456Kb / 27P
800mA LDO Regulator for Automotive Applications
R1171S NISSHINBO-R1171S Datasheet
691Kb / 26P
1.5A LDO REGULATOR FOR AUTOMOTIVE APPLICATIONS
R1180N NISSHINBO-R1180N Datasheet
560Kb / 24P
150mA LDO REGULATOR FOR AUTOMOTIVE APPLICATIONS
R1500H NISSHINBO-R1500H Datasheet
591Kb / 27P
500 mA LDO Regulator (Operating Voltage up to 24 V) for Automotive Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com