Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8152S100B Datasheet(PDF) 8 Page - Nisshinbo Micro Devices Inc.

Part # R8152S100B
Description  1 A 24 V LDO for Automotive Applications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

R8152S100B Datasheet(HTML) 8 Page - Nisshinbo Micro Devices Inc.

Back Button R8152S100B Datasheet HTML 4Page - Nisshinbo Micro Devices Inc. R8152S100B Datasheet HTML 5Page - Nisshinbo Micro Devices Inc. R8152S100B Datasheet HTML 6Page - Nisshinbo Micro Devices Inc. R8152S100B Datasheet HTML 7Page - Nisshinbo Micro Devices Inc. R8152S100B Datasheet HTML 8Page - Nisshinbo Micro Devices Inc. R8152S100B Datasheet HTML 9Page - Nisshinbo Micro Devices Inc. R8152S100B Datasheet HTML 10Page - Nisshinbo Micro Devices Inc. R8152S100B Datasheet HTML 11Page - Nisshinbo Micro Devices Inc. R8152S100B Datasheet HTML 12Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
R8152x
NO. EC-238-180730
8
TYPICAL APPLICATION
C1
R8152x
Series
VDD
VOUT
CE
GND
C2
C1 = Ceramic 0.47 µF
C2 = Ceramic 10 µF
VOUT
CE Control
External Parts Example:
Symbol
Recommended Value
Parts Name
Manufacturer
Model Number
C2 (COUT)
10 µF
Ceramic Capacitor
MURATA
GRM32DB31E106K (Size: 3225)
TECHNICAL NOTES
When using R8152x, please consider the following points.
Phase Compensation
In R8152x, phase compensation is provided to secure stable operation even when the load current is
varied. For this purpose, please make sure to use a C2 capacitor.
In case of using a tantalum type capacitor and the ESR (Equivalent Series Resistance) value of the
capacitor is large, the output might be unstable. Evaluate the circuit including consideration of frequency
characteristics.
Depending on the capacitor size, manufacturer, and part number, the bias characteristics and temperature
characteristics are different. Evaluate the circuit taking actual characteristics into account.
PCB Layout and GND Wiring
Ensure the VDD and GND lines are sufficiently robust. If their impedance is too high, noise pickup or
unstable operation may result. Connect a C1 capacitor with 0.47 µF or more value between the VDD and GND
pins, and as close as possible to the pins.
Likewise, connect a C2 capacitor with suitable values between the VOUT and GND pins, and as close as
possible to the pins (Please refer to the Typical Application above).
In the case of using HSOP-6J package, please make sure to wire No. 2, No. 3, and No. 5 pins to the GND
plane. Also, in the case of using TO-252-5-P2 package, please make sure to wire No. 2 and No. 3 pins to the
GND plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com