Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8152S100B Datasheet(PDF) 7 Page - Nisshinbo Micro Devices Inc.

Part # R8152S100B
Description  1 A 24 V LDO for Automotive Applications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

R8152S100B Datasheet(HTML) 7 Page - Nisshinbo Micro Devices Inc.

Back Button R8152S100B Datasheet HTML 3Page - Nisshinbo Micro Devices Inc. R8152S100B Datasheet HTML 4Page - Nisshinbo Micro Devices Inc. R8152S100B Datasheet HTML 5Page - Nisshinbo Micro Devices Inc. R8152S100B Datasheet HTML 6Page - Nisshinbo Micro Devices Inc. R8152S100B Datasheet HTML 7Page - Nisshinbo Micro Devices Inc. R8152S100B Datasheet HTML 8Page - Nisshinbo Micro Devices Inc. R8152S100B Datasheet HTML 9Page - Nisshinbo Micro Devices Inc. R8152S100B Datasheet HTML 10Page - Nisshinbo Micro Devices Inc. R8152S100B Datasheet HTML 11Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
R8152x
NO. EC-238-180730
7
(–40
C ≤ Ta ≤ 110C)
Product Name
VOUT [V]
VOUT [V]
VDIF [V]
(Ta = 25
C)
(–40
C ≤ Ta ≤ 110C)
MIN.
TYP.
MAX.
MIN.
MAX.
TYP.
MAX.
R8152x080B
7.840
8.000
8.160
7.680
8.320
0.575
1.015
R8152x081B
7.938
8.100
8.262
7.776
8.424
R8152x082B
8.036
8.200
8.364
7.872
8.528
R8152x083B
8.134
8.300
8.466
7.968
8.632
R8152x084B
8.232
8.400
8.568
8.064
8.736
R8152x085B
8.330
8.500
8.670
8.160
8.840
R8152x086B
8.428
8.600
8.772
8.256
8.944
R8152x087B
8.526
8.700
8.874
8.352
9.048
R8152x088B
8.624
8.800
8.976
8.448
9.152
R8152x089B
8.722
8.900
9.078
8.544
9.256
R8152x090B
8.820
9.000
9.180
8.640
9.360
0.475
0.810
R8152x091B
8.918
9.100
9.282
8.736
9.464
R8152x092B
9.016
9.200
9.384
8.832
9.568
R8152x093B
9.114
9.300
9.486
8.928
9.672
R8152x094B
9.212
9.400
9.588
9.024
9.776
R8152x095B
9.310
9.500
9.690
9.120
9.880
R8152x096B
9.408
9.600
9.792
9.216
9.984
R8152x097B
9.506
9.700
9.894
9.312
10.088
R8152x098B
9.604
9.800
9.996
9.408
10.192
R8152x099B
9.702
9.900
10.098
9.504
10.296
R8152x100B
9.800
10.000
10.200
9.600
10.400
R8152x101B
9.898
10.100
10.302
9.696
10.504
R8152x102B
9.996
10.200
10.404
9.792
10.608
R8152x103B
10.094
10.300
10.506
9.888
10.712
R8152x104B
10.192
10.400
10.608
9.984
10.816
R8152x105B
10.290
10.500
10.710
10.080
10.920
R8152x106B
10.388
10.600
10.812
10.176
11.024
R8152x107B
10.486
10.700
10.914
10.272
11.128
R8152x108B
10.584
10.800
11.016
10.368
11.232
R8152x109B
10.682
10.900
11.118
10.464
11.336
R8152x110B
10.780
11.000
11.220
10.560
11.440
R8152x111B
10.878
11.100
11.322
10.656
11.544
R8152x112B
10.976
11.200
11.424
10.752
11.648
R8152x113B
11.074
11.300
11.526
10.848
11.752
R8152x114B
11.172
11.400
11.628
10.944
11.856
R8152x115B
11.270
11.500
11.730
11.040
11.960
R8152x116B
11.368
11.600
11.832
11.136
12.064
R8152x117B
11.466
11.700
11.934
11.232
12.168
R8152x118B
11.564
11.800
12.036
11.328
12.272
R8152x119B
11.662
11.900
12.138
11.424
12.376
R8152x120B
11.760
12.000
12.240
11.520
12.480
R8152x125B
12.250
12.500
12.750
12.000
13.000
0.450
0.730
R8152x130B
12.740
13.000
13.260
12.480
13.520
R8152x135B
13.230
13.500
13.770
12.960
14.040
R8152x140B
13.720
14.000
14.280
13.440
14.560
R8152x145B
14.210
14.500
14.790
13.920
15.080
R8152x150B
14.700
15.000
15.300
14.400
15.600
R8152x155B
15.190
15.500
15.810
14.880
16.120
R8152x160B
15.680
16.000
16.320
15.360
16.640
R8152x165B
16.170
16.500
16.830
15.840
17.160
R8152x170B
16.660
17.000
17.340
16.320
17.680
R8152x175B
17.150
17.500
17.850
16.800
18.200
R8152x180B
17.640
18.000
18.360
17.280
18.720



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com