Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8152S100B Datasheet(PDF) 12 Page - Nisshinbo Micro Devices Inc.

Part # R8152S100B
Description  1 A 24 V LDO for Automotive Applications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

R8152S100B Datasheet(HTML) 12 Page - Nisshinbo Micro Devices Inc.

Back Button R8152S100B Datasheet HTML 8Page - Nisshinbo Micro Devices Inc. R8152S100B Datasheet HTML 9Page - Nisshinbo Micro Devices Inc. R8152S100B Datasheet HTML 10Page - Nisshinbo Micro Devices Inc. R8152S100B Datasheet HTML 11Page - Nisshinbo Micro Devices Inc. R8152S100B Datasheet HTML 12Page - Nisshinbo Micro Devices Inc. R8152S100B Datasheet HTML 13Page - Nisshinbo Micro Devices Inc. R8152S100B Datasheet HTML 14Page - Nisshinbo Micro Devices Inc. R8152S100B Datasheet HTML 15Page - Nisshinbo Micro Devices Inc. R8152S100B Datasheet HTML 16Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
R8152x
NO. EC-238-180730
12
R8152S MARK SPECIFICATION TABLE (HSOP-6J)
Product Name
 
VSET
Product Name
 
VSET
R8152S030B
N
0
3
0
3.0 V
R8152S080B
N
0
8
0
8.0 V
R8152S031B
N
0
3
1
3.1 V
R8152S081B
N
0
8
1
8.1 V
R8152S032B
N
0
3
2
3.2 V
R8152S082B
N
0
8
2
8.2 V
R8152S033B
N
0
3
3
3.3 V
R8152S083B
N
0
8
3
8.3 V
R8152S034B
N
0
3
4
3.4 V
R8152S084B
N
0
8
4
8.4 V
R8152S035B
N
0
3
5
3.5 V
R8152S085B
N
0
8
5
8.5 V
R8152S036B
N
0
3
6
3.6 V
R8152S086B
N
0
8
6
8.6 V
R8152S037B
N
0
3
7
3.7 V
R8152S087B
N
0
8
7
8.7 V
R8152S038B
N
0
3
8
3.8 V
R8152S088B
N
0
8
8
8.8 V
R8152S039B
N
0
3
9
3.9 V
R8152S089B
N
0
8
9
8.9 V
R8152S040B
N
0
4
0
4.0 V
R8152S090B
N
0
9
0
9.0 V
R8152S041B
N
0
4
1
4.1 V
R8152S091B
N
0
9
1
9.1 V
R8152S042B
N
0
4
2
4.2 V
R8152S092B
N
0
9
2
9.2 V
R8152S043B
N
0
4
3
4.3 V
R8152S093B
N
0
9
3
9.3 V
R8152S044B
N
0
4
4
4.4 V
R8152S094B
N
0
9
4
9.4 V
R8152S045B
N
0
4
5
4.5 V
R8152S095B
N
0
9
5
9.5 V
R8152S046B
N
0
4
6
4.6 V
R8152S096B
N
0
9
6
9.6 V
R8152S047B
N
0
4
7
4.7 V
R8152S097B
N
0
9
7
9.7 V
R8152S048B
N
0
4
8
4.8 V
R8152S098B
N
0
9
8
9.8 V
R8152S049B
N
0
4
9
4.9 V
R8152S099B
N
0
9
9
9.9 V
R8152S050B
N
0
5
0
5.0 V
R8152S100B
N
1
0
0
10.0 V
R8152S051B
N
0
5
1
5.1 V
R8152S101B
N
1
0
1
10.1 V
R8152S052B
N
0
5
2
5.2 V
R8152S102B
N
1
0
2
10.2 V
R8152S053B
N
0
5
3
5.3 V
R8152S103B
N
1
0
3
10.3 V
R8152S054B
N
0
5
4
5.4 V
R8152S104B
N
1
0
4
10.4 V
R8152S055B
N
0
5
5
5.5 V
R8152S105B
N
1
0
5
10.5 V
R8152S056B
N
0
5
6
5.6 V
R8152S106B
N
1
0
6
10.6 V
R8152S057B
N
0
5
7
5.7 V
R8152S107B
N
1
0
7
10.7 V
R8152S058B
N
0
5
8
5.8 V
R8152S108B
N
1
0
8
10.8 V
R8152S059B
N
0
5
9
5.9 V
R8152S109B
N
1
0
9
10.9 V
R8152S060B
N
0
6
0
6.0 V
R8152S110B
N
1
1
0
11.0 V
R8152S061B
N
0
6
1
6.1 V
R8152S111B
N
1
1
1
11.1 V
R8152S062B
N
0
6
2
6.2 V
R8152S112B
N
1
1
2
11.2 V
R8152S063B
N
0
6
3
6.3 V
R8152S113B
N
1
1
3
11.3 V
R8152S064B
N
0
6
4
6.4 V
R8152S114B
N
1
1
4
11.4 V
R8152S065B
N
0
6
5
6.5 V
R8152S115B
N
1
1
5
11.5 V
R8152S066B
N
0
6
6
6.6 V
R8152S116B
N
1
1
6
11.6 V
R8152S067B
N
0
6
7
6.7 V
R8152S117B
N
1
1
7
11.7 V
R8152S068B
N
0
6
8
6.8 V
R8152S118B
N
1
1
8
11.8 V
R8152S069B
N
0
6
9
6.9 V
R8152S119B
N
1
1
9
11.9 V
R8152S070B
N
0
7
0
7.0 V
R8152S120B
N
1
2
0
12.0 V
R8152S071B
N
0
7
1
7.1 V
R8152S125B
N
1
2
5
12.5 V
R8152S072B
N
0
7
2
7.2 V
R8152S130B
N
1
3
0
13.0 V
R8152S073B
N
0
7
3
7.3 V
R8152S135B
N
1
3
5
13.5 V
R8152S074B
N
0
7
4
7.4 V
R8152S140B
N
1
4
0
14.0 V
R8152S075B
N
0
7
5
7.5 V
R8152S145B
N
1
4
5
14.5 V
R8152S076B
N
0
7
6
7.6 V
R8152S150B
N
1
5
0
15.0 V
R8152S077B
N
0
7
7
7.7 V
R8152S155B
N
1
5
5
15.5 V
R8152S078B
N
0
7
8
7.8 V
R8152S160B
N
1
6
0
16.0 V
R8152S079B
N
0
7
9
7.9 V
R8152S165B
N
1
6
5
16.5 V
R8152S170B
N
1
7
0
17.0 V
R8152S175B
N
1
7
5
17.5 V
R8152S180B
N
1
8
0
18.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com