Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8152S100B Datasheet(PDF) 4 Page - Nisshinbo Micro Devices Inc.

Part # R8152S100B
Description  1 A 24 V LDO for Automotive Applications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

R8152S100B Datasheet(HTML) 4 Page - Nisshinbo Micro Devices Inc.

  R8152S100B Datasheet HTML 1Page - Nisshinbo Micro Devices Inc. R8152S100B Datasheet HTML 2Page - Nisshinbo Micro Devices Inc. R8152S100B Datasheet HTML 3Page - Nisshinbo Micro Devices Inc. R8152S100B Datasheet HTML 4Page - Nisshinbo Micro Devices Inc. R8152S100B Datasheet HTML 5Page - Nisshinbo Micro Devices Inc. R8152S100B Datasheet HTML 6Page - Nisshinbo Micro Devices Inc. R8152S100B Datasheet HTML 7Page - Nisshinbo Micro Devices Inc. R8152S100B Datasheet HTML 8Page - Nisshinbo Micro Devices Inc. R8152S100B Datasheet HTML 9Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
R8152x
NO. EC-238-180730
4
ABSOLUTE MAXMUM RATINGS
Symbol
Item
Rating
Unit
VIN
Input Voltage
−0.3 to 36
V
VCE
Input Voltage (CE Pin)
−0.3 to 36
V
VOUT
Output Voltage
−0.3 to VIN + 0.3 ≤ 36
V
PD
Power Dissipation (HSOP-6J)*
Standard Land Pattern
2100
mW
Ultra High Wattage Land Pattern
3400
Power Dissipation (TO-252-5-P2)*
Standard Land Pattern
2350
Ultra High Wattage Land Pattern
4800
Tj
Junction Temperature
−40 to 150
°C
Tstg
Storage Temperature Range
−55 to 150
°C
*) Please refer to PACKAGE INFORMATION for detailed information.
ABSOLUTE MAXIMUM RATINGS
Electronic and mechanical stress momentarily exceeded absolute maximum ratings may cause the permanent
damages and may degrade the lifetime and safety for both device and system using the device in the field. The
functional operation at or over these absolute maximum ratings is not assured.
RECOMMENDED OPERATING CONDITIONS
Symbol
Item
Rating
Unit
VIN
Input Voltage
3.0 to 24.0
V
Ta
Operating Temperature Range
−40 to 125
°C
RECOMMENDED OPERATING CONDITIONS
All of electronic equipment should be designed that the mounted semiconductor devices operate within the
recommended operating conditions. The semiconductor devices cannot operate normally over the recommended
operating conditions, even if when they are used over such conditions by momentary electronic noise or surge. And
the semiconductor devices may receive serious damage when they continue to operate over the recommended
operating conditions. Design engineering guarantees the reliable operation of the semiconductor devices up to 125°C
at preproduction evaluation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com