Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8152S100B Datasheet(PDF) 2 Page - Nisshinbo Micro Devices Inc.

Part # R8152S100B
Description  1 A 24 V LDO for Automotive Applications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

R8152S100B Datasheet(HTML) 2 Page - Nisshinbo Micro Devices Inc.

  R8152S100B Datasheet HTML 1Page - Nisshinbo Micro Devices Inc. R8152S100B Datasheet HTML 2Page - Nisshinbo Micro Devices Inc. R8152S100B Datasheet HTML 3Page - Nisshinbo Micro Devices Inc. R8152S100B Datasheet HTML 4Page - Nisshinbo Micro Devices Inc. R8152S100B Datasheet HTML 5Page - Nisshinbo Micro Devices Inc. R8152S100B Datasheet HTML 6Page - Nisshinbo Micro Devices Inc. R8152S100B Datasheet HTML 7Page - Nisshinbo Micro Devices Inc. R8152S100B Datasheet HTML 8Page - Nisshinbo Micro Devices Inc. R8152S100B Datasheet HTML 9Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
R8152x
NO. EC-238-180730
2
BLOCK DIAGRAMS
R8152xxxxB
VDD
VOUT
CE
GND
Current Limit
Short
Protection
Vref
Thermal Shutdown
Circuit
SELECTION GUIDE
Output voltage, version, package type, and taping type are user-selectable options.
Product Name
Package
Quantity per Reel
Pb Free
Halogen Free
R8152SxxxB-E2-FE
HSOP-6J
1,000 pcs
Yes
Yes
R8152JxxxB-T1-FE
TO-252-5-P2
3,000 pcs
Yes
Yes
xxx: Specify the set output voltage (VSET) within the range of 3.0 V to 12.0 V in 0.1 V steps,
or 12.5 V to 18.0 V in 0.5 V steps.
R8 Automotive Class Code
Operating
Temperature Range
Guaranteed Specs
Temperature Range
Screening
AEC-Q100
−40°C ~ 125°C
−40°C ~ 110°C
High and Low Temperature
Grade 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com