Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8152S100B Datasheet(PDF) 27 Page - Nisshinbo Micro Devices Inc.

Part # R8152S100B
Description  1 A 24 V LDO for Automotive Applications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

R8152S100B Datasheet(HTML) 27 Page - Nisshinbo Micro Devices Inc.

Back Button R8152S100B Datasheet HTML 20Page - Nisshinbo Micro Devices Inc. R8152S100B Datasheet HTML 21Page - Nisshinbo Micro Devices Inc. R8152S100B Datasheet HTML 22Page - Nisshinbo Micro Devices Inc. R8152S100B Datasheet HTML 23Page - Nisshinbo Micro Devices Inc. R8152S100B Datasheet HTML 24Page - Nisshinbo Micro Devices Inc. R8152S100B Datasheet HTML 25Page - Nisshinbo Micro Devices Inc. R8152S100B Datasheet HTML 26Page - Nisshinbo Micro Devices Inc. R8152S100B Datasheet HTML 27Page - Nisshinbo Micro Devices Inc. R8152S100B Datasheet HTML 28Page - Nisshinbo Micro Devices Inc.  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
R8152x
NO. EC-238-180730
27
R8152x090B
R8152x090B
R8152x180B
R8152x180B
0
200
600
400
800 900
100
500
300
700
1000
Output Current IOUT (mA)
VIN=10V to 24V
0.01
1000
1
0.1
10
100
020
40 45
10
30
15
35
525
50
Output Current IOUT (mA)
0.01
1000
1
0.1
10
100
VIN=10V to 24V
0
200
600
400
800 900
100
500
300
700
1000
Output Current IOUT (mA)
VIN=19V to 24V
0.01
1000
1
0.1
10
100
020
40 45
10
30
15
35
525
50
Output Current IOUT (mA)
0.01
1000
1
0.1
10
100
VIN=19V to 24V
Specified Value = 120 µVrms
Specified Value = 120 µVrms
Specified Value = 220 µVrms
Specified Value = 220 µVrms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com