Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2130-4YML Datasheet (PDF) - Micrel Semiconductor

MIC2130-4YML Datasheet PDF - Micrel Semiconductor
Part # MIC2130-4YML
Download  MIC2130-4YML Download
File Size   762.5 Kbytes
Page   20 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description High Voltage Synchronous Buck Control IC with Low EMI Option

MIC2130-4YML Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC2130-4YML Datasheet PDF - Micrel Semiconductor

Part # MIC2130-4YML
Download  MIC2130-4YML Click to download

File Size   762.5 Kbytes
Page   20 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description High Voltage Synchronous Buck Control IC with Low EMI Option

MIC2130-4YML Datasheet (HTML) - Micrel Semiconductor


MIC2130-4YML Product details

General Description
The MIC2130/1 is a high voltage input PWM synchronous buck controller IC. It is a voltage mode controller with a fast hysteretic control loop (FHyCL) employed during fast line and load transients. The internal gate drivers are designed to drive high current MOSFETs.

Features
• 8V to 40V input voltage range
• Adjustable output voltages down to 0.7V
• LOW EMI option MIC2131
• Fixed 150kHz and 400kHz frequency options
• Excellent line and load regulation due to fast hysteretic control loop during transients
• Adaptive gate drive allows efficiencies over 95%
• Programmable current limit with no sense resistor
• Senses low-side MOSFET current
• Internal drivers allow 15A output current
• Power Good output allow simple sequencing
• Programmable soft-start pin
• 100% increase in current limit (MIC2131)
• Output over-voltage protection
• Programmable Input UVLO
• 16-pin e-TSSOP and 16-pin 4mm x 4mm MLF®
• Junction temperature range of –40°C to +125°C

Applications
• Industrial/Medical DC/DC point of use power
• Printer head drivers
• Automotive Systems
• Telecom systems
• LCD/ Plasma TV
• Gaming Machines




Similar Part No. - MIC2130-4YML

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC2132 MICROCHIP-MIC2132 Datasheet
2Mb / 48P
75V Dual Phase, Advanced COT Buck Controller, Stackable for Multiphase Operation
Revision B July 2022
MIC2132YML MICROCHIP-MIC2132YML Datasheet
2Mb / 48P
75V Dual Phase, Advanced COT Buck Controller, Stackable for Multiphase Operation
Revision B July 2022
MIC2132YML-TR MICROCHIP-MIC2132YML-TR Datasheet
2Mb / 48P
75V Dual Phase, Advanced COT Buck Controller, Stackable for Multiphase Operation
Revision B July 2022
MIC2132YML-TRVAO MICROCHIP-MIC2132YML-TRVAO Datasheet
2Mb / 48P
75V Dual Phase, Advanced COT Buck Controller, Stackable for Multiphase Operation
Revision B July 2022
MIC2133 MICROCHIP-MIC2133 Datasheet
2Mb / 50P
75V Dual Phase, Advanced COT Buck Controller with Selectable Droop Feature and Phase Shedding
Revision B / July 2022
More results


Similar Description - MIC2130-4YML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2183 MICREL-MIC2183 Datasheet
98Kb / 12P
Low Voltage Synchronous Buck PWM Control IC Final Information
MIC2168A MICREL-MIC2168A Datasheet
821Kb / 14P
1MHz PWM Synchronous Buck Control IC
MIC2169A MICREL-MIC2169A Datasheet
1Mb / 17P
500kHz PWM Synchronous Buck Control IC
MIC2169B MICREL-MIC2169B Datasheet
554Kb / 24P
500kHz PWM Synchronous Buck Control IC
MIC2169B MICREL-MIC2169B_10 Datasheet
526Kb / 25P
500kHz PWM Synchronous Buck Control IC
MIC2169A MICREL-MIC2169A_09 Datasheet
1Mb / 15P
500kHz PWM Synchronous Buck Control IC
MIC2183 MICREL-MIC2183_05 Datasheet
152Kb / 12P
Low Voltage Synchronous Buck PWM Control IC
MIC2184 MICREL-MIC2184_05 Datasheet
133Kb / 12P
Low Voltage Buck PWM Control IC
MIC2169 MICREL-MIC2169_09 Datasheet
207Kb / 15P
500kHz PWM Synchronous Buck Control IC
MIC2168A MICREL-MIC2168A_15 Datasheet
884Kb / 18P
1MHz PWM Synchronous Buck-Control IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com