Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2132 Datasheet (PDF) - Microchip Technology

MIC2132 Datasheet PDF - Microchip Technology
Part # MIC2132
Download  MIC2132 Download
File Size   2229.83 Kbytes
Page   48 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 75V Dual Phase, Advanced COT Buck Controller, Stackable for Multiphase Operation

MIC2132 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC2132 Datasheet PDF - Microchip Technology

Part # MIC2132
Download  MIC2132 Click to download

File Size   2229.83 Kbytes
Page   48 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 75V Dual Phase, Advanced COT Buck Controller, Stackable for Multiphase Operation

MIC2132 Datasheet (HTML) - Microchip Technology


MIC2132 Product details

Features
• Input Voltage Range: 8V to 75V
• Input Down to 2V when VDD = 5V from External
Supply
• Adjustable Output Voltage from 0.6V to 28V
• Adaptive Constant On-Time Control:
- High DeltaV™ operation
- Any Capacitor™ stable
• 0.6V Internal Reference with ±1% Accuracy
• Novel Ripple Injection Method to Allow Greater
than 50% Duty Cycle Operation
• Operates in CCM, Stackable for Multiphase
Operation up to Eight Phases
• Accurate Current Balancing Between Phases
• Accurate 180° Phasing of Outputs
• 100 kHz to 1 MHz Switching Frequency per Phase
• Secondary LDO to Improve System Efficiency
• Supports Start-up to Pre-Bias Output
• Remote Sense Amplifier for Tight Output Regulation
• Droop Feature to Support Adaptive Voltage
Positioning (AVP) for Improved Load
Transient Response
• Precision Enable Function for Low Standby Current
• External Programmable Soft Start to Reduce
Inrush Current
• Lossless RDSON Current Sensing with NTC
Temperature Compensation or Resistor Sensing
Method
• Programmable Current Limit and Hiccup Mode
Short-Circuit Protection
• Thermal Shutdown with Hysteresis
• -40°C to +125°C Junction Temperature Range
• Compact Size: 5 mm x 5 mm 32-Pin VQFN
Package
• AEC-Q100 Qualified (VAO Suffix)
Applications
• Distributed Power Systems
• Communications/Networking Infrastructure
• Printers, Scanners, Graphic and Video Cards
• FPGA, CPU, Memory, GPU Core Supplies
• Automotive POL




Similar Part No. - MIC2132

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2130 MICREL-MIC2130 Datasheet
762Kb / 20P
High Voltage Synchronous Buck Control IC with Low EMI Option
MIC2130-1YML MICREL-MIC2130-1YML Datasheet
762Kb / 20P
High Voltage Synchronous Buck Control IC with Low EMI Option
MIC2130-1YTSE MICREL-MIC2130-1YTSE Datasheet
762Kb / 20P
High Voltage Synchronous Buck Control IC with Low EMI Option
MIC2130-4YML MICREL-MIC2130-4YML Datasheet
762Kb / 20P
High Voltage Synchronous Buck Control IC with Low EMI Option
MIC2130-4YTSE MICREL-MIC2130-4YTSE Datasheet
762Kb / 20P
High Voltage Synchronous Buck Control IC with Low EMI Option
More results


Similar Description - MIC2132

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40140 TI-TPS40140 Datasheet
1Mb / 65P
DUAL OR 2-PHASE, STACKABLE CONTROLLER
logo
Intersil Corporation
ISL6315 INTERSIL-ISL6315_07 Datasheet
392Kb / 20P
Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
ISL6563 INTERSIL-ISL6563 Datasheet
516Kb / 19P
Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
ISL8101 INTERSIL-ISL8101 Datasheet
404Kb / 20P
Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
July 28, 2008
logo
Texas Instruments
TPS53851 TI1-TPS53851 Datasheet
1Mb / 64P
DUAL OR 2-PHASE, STACKABLE CONTROLLER
TPS40140 TI1-TPS40140_16 Datasheet
2Mb / 68P
Dual or 2-Phase, Stackable Controller
logo
Shenzhen Huazhimei Semi...
HM1462 HMSEMI-HM1462 Datasheet
614Kb / 8P
40Vin 2 Outputs COT Buck Controller
logo
Microchip Technology
MIC21LV32 MICROCHIP-MIC21LV32 Datasheet
1Mb / 50P
36V Dual Phase, Advanced COT Buck Controller Stackable for Multiphase Operation
02/28/20
MIC21LV33 MICROCHIP-MIC21LV33 Datasheet
3Mb / 54P
36V Dual Phase, Advanced COT Buck Controller with HyperLight Load짰 and Phase Shedding
02/28/20
MIC2133 MICROCHIP-MIC2133 Datasheet
2Mb / 50P
75V Dual Phase, Advanced COT Buck Controller with Selectable Droop Feature and Phase Shedding
Revision B / July 2022
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com