Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2132 Datasheet(PDF) 10 Page - Microchip Technology

Part # MIC2132
Description  75V Dual Phase, Advanced COT Buck Controller, Stackable for Multiphase Operation
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2132 Datasheet(HTML) 10 Page - Microchip Technology

Back Button MIC2132 Datasheet HTML 6Page - Microchip Technology MIC2132 Datasheet HTML 7Page - Microchip Technology MIC2132 Datasheet HTML 8Page - Microchip Technology MIC2132 Datasheet HTML 9Page - Microchip Technology MIC2132 Datasheet HTML 10Page - Microchip Technology MIC2132 Datasheet HTML 11Page - Microchip Technology MIC2132 Datasheet HTML 12Page - Microchip Technology MIC2132 Datasheet HTML 13Page - Microchip Technology MIC2132 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
MIC2132
DS20006654B-page 10
 2022 Microchip Technology Inc. and its subsidiaries
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, VIN =12V; VOUT =5V; fSW = 500 kHz/phase; VBST – VSW =5V; TA =+25°C.
FIGURE 2-1:
VIN Quiescent Current vs.
Input Voltage.
FIGURE 2-2:
VIN Shutdown Current vs.
Input Voltage.
FIGURE 2-3:
Switching Frequency vs.
Input Voltage.
FIGURE 2-4:
Switching Frequency vs.
Output Current.
FIGURE 2-5:
Enable Threshold vs. Input
Voltage.
FIGURE 2-6:
Peak Current Limit vs. Input
Voltage.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore, outside the warranted range.
4.0
4.2
4.4
4.6
4.8
5.0
5.2
5.4
5.6
5.8
6.0
8
12
1620242832364044485256
6064687276
Input Voltage (V)
Vout=5V
Vout=12V
Vout=28V
10
12
14
16
18
20
22
24
26
28
30
8
1216202428323640444852566064687276
Input Voltage (V)
250
260
270
280
290
300
310
320
330
340
350
8
12162024283236
4044485256
6064687276
Input Voltage (V)
IOUT=0A
IOUT=10A
260
270
280
290
300
310
320
330
340
350
360
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
Output Current (A)
VIN=24V
VIN=48V
1.10
1.11
1.12
1.13
1.14
1.15
1.16
1.17
1.18
1.19
1.20
8
121620
242832
3640
444852
566064
687276
Input Voltage (V)
EN_rising
EN_falling
28
29
30
31
32
33
34
10
15
20
25
30
35
40
45
50
55
60
65
70
75
Input Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com