Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2132 Datasheet(PDF) 16 Page - Microchip Technology

Part # MIC2132
Description  75V Dual Phase, Advanced COT Buck Controller, Stackable for Multiphase Operation
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2132 Datasheet(HTML) 16 Page - Microchip Technology

Back Button MIC2132 Datasheet HTML 12Page - Microchip Technology MIC2132 Datasheet HTML 13Page - Microchip Technology MIC2132 Datasheet HTML 14Page - Microchip Technology MIC2132 Datasheet HTML 15Page - Microchip Technology MIC2132 Datasheet HTML 16Page - Microchip Technology MIC2132 Datasheet HTML 17Page - Microchip Technology MIC2132 Datasheet HTML 18Page - Microchip Technology MIC2132 Datasheet HTML 19Page - Microchip Technology MIC2132 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 48 page
background image
MIC2132
DS20006654B-page 16
 2022 Microchip Technology Inc. and its subsidiaries
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
Pin
Number
Symbol
Description
1
CSN2
Current Sense Return pin for Phase 2. Connect Kelvin connection from the low-side FET
source to CSN2 to avoid ground drops due to high current.
2
CSP2
Current Sense Positive pin for Phase 2. Connect Kelvin connection from the low-side FET
drain to CSP2 to avoid ground drops due to high current.
3
CSN1
Current Sense Return pin for Phase 1. Connect Kelvin connection from the low-side FET
source to CSN1 to avoid ground drops due to high current.
4
CSP1
Current Sense Positive pin for Phase 1. Connect Kelvin connection from the low-side FET
drain to CSP1 to avoid ground drops due to high current.
5
ILIM
Current Limit Adjust Input pin. Connect a resistor from ILIM to AGND to set the current limit.
Refer to Section 4.5.2 “Current Limit” for more details. Both channels share the same
current limit threshold. When connected in a stackable application, all ILIM pins are tied
together, sharing common resistor sized for voltage drop, corresponding to current limit per
phase.
6
CSH
Average Current Sense Voltage Output pin. Used for current sharing; see Section 4.5.1
“Current Balancing Between Phases” and Section 4.5.9 “Adaptive Voltage Positioning
(AVP), also Known as Droop Function (Recommended for CCM Only)”. Connect 100 pF
capacitor from CSH to AGND. In stackable application, tie all CSH pins together.
7
EN
Active-High Enable Input pin. 75V compatible with 1.2V precise threshold. Pull EN to GND to
disable the buck converter output. Connect to VIN for always-on operation. EN can be used
for power sequencing and as a UVLO adjustment input. For a precision UVLO, put an
appropriately sized resistor divider from VIN to AGND and tie the midpoint to the EN pin.
8
VIN
Input Voltage to Controller pin. Connect to VIN through 1.21Ω resistor. Connect 1 µF
capacitor from this pin to PGND.
9
VDD
5V LDO Output pin. Bias supply for the MIC2132 control logic circuit. Connect a minimum
2.2 µF low-ESR ceramic capacitor from VDD to AGND.
10
AGND
Analog Ground pin. Reference node for all the control logic circuits inside the MIC2132.
Connect AGND to PGND at one point.
11
EXTVDD
Auxiliary LDO Input pin. Connect to a supply higher than 4.7V (typ) to bypass the internal
high-voltage 5V LDO or leave unconnected/connected to ground when the EXTVDD pin is
not used. Connect a 2.2 µF low-ESR ceramic capacitor between EXTVDD and AGND.
EXTVDD can be connected to an external supply.
12
NPI
Next Phase Input pin. Connect APO of previous MIC2132 to NPI for multiphase operation.
13
APO
Active Phase Output pin. Connect APO to the next MIC2132 NPI pin for multiphase
operation.
14
ONR
On-Time Request pin. It is an input or an output pin. Connect the ONR pins of all MIC2132
devices connected for multiphase operation. It is an output for the host and an input for the
secondaries. The ONR output on the host has a pull-up capability of ~1 kΩ. When FBS is
connected to VDD, it is an input (secondary).
15
OUTS
Output Voltage Sense pin. It is required to connect the OUTS pin to output through a 10 kΩ
resistor and decouple to ground with a 100 nF capacitor directly for VOUT ≤ 5V. For
VOUT > 5V, it is required to connect the OUTS pin through a resistive divider from VOUT to
AGND. The OUTS pin will set the correct frequency adaptive to the output voltage.
16
BST1
Phase 1 Bootstrap Capacitor Connection pin. The BST1 pin is the supply voltage input for
the Phase 1 high-side MOSFET driver. Connect a 0.1 µF low-ESR ceramic capacitor
between the BST1 pin and the SW1 pin.
17
DH1
Phase 1 High-Side Gate Driver Output pin. Connect DH1 to the Phase 1 high-side
MOSFET gate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com