Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2132 Datasheet(PDF) 29 Page - Microchip Technology

Part # MIC2132
Description  75V Dual Phase, Advanced COT Buck Controller, Stackable for Multiphase Operation
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2132 Datasheet(HTML) 29 Page - Microchip Technology

Back Button MIC2132 Datasheet HTML 25Page - Microchip Technology MIC2132 Datasheet HTML 26Page - Microchip Technology MIC2132 Datasheet HTML 27Page - Microchip Technology MIC2132 Datasheet HTML 28Page - Microchip Technology MIC2132 Datasheet HTML 29Page - Microchip Technology MIC2132 Datasheet HTML 30Page - Microchip Technology MIC2132 Datasheet HTML 31Page - Microchip Technology MIC2132 Datasheet HTML 32Page - Microchip Technology MIC2132 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 48 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS20006654B-page 29
MIC2132
This way, if there is a slight difference between
different chips coming up, the secondaries are
ready when the host is waking up after 3 ms.
4.
The logic input pin, NPI (Next Phase In), of each
part in the daisy-chain has a 136 kΩ resistor to
ground externally near the pin in the application.
This way, if the input is floating because of a bad
connection in the production line, it will be
pushed to 0V, which will stop any activity from
the chip to start. Also, NPI is active only on the
rising edge. If it is floating and with no rising
edge detected, the activity will stop.
5.
When in daisy-chain, the logic pin, ONR (On
Request), from the host as output is going in
each secondary ONR pin configured as an
input. In order to accommodate different VDD
rails from different secondaries and not to inject
too much current in one of the secondaries from
the host, the ONR pin as logic output has a 1 kΩ
pull-up resistor inside. This way, the output ONR
is short-protected ~ 5 mA to ground and the
strength of the injection in the VDD rail of each
secondary is 2k = 1k + 1k. Special precautions
are designed inside so that this small injection
will not trigger latch-up.
6.
Only the error amplifier of the host controller
regulates the output and feedback. The
secondaries are only serving the ONR coming
using the logic pins, NPI and APO, in sequence.
The secondaries also inject ripple in the
feedback in order to allow correct phasing and
regulation. All members in the daisy-chain are
sharing the CSH pin to allow correct (equal)
current sharing.
7.
If the droop feature is required in multiphase
operation, connect all the droop setting resistors
from the DROOP pins of all members in the
daisy-chain to the lower bottom feedback
resistor of the host controller to achieve load line
setting as in dual phase operation.
4.5.11
FREQUENCY PROGRAMMING
The switching frequency per phase in CCM in
two-phase
operation
can
be
programmed
by
Equation 4-27 below:
EQUATION 4-27:
4.5.12
THERMAL SHUTDOWN
When the junction temperature of the MIC2132
reaches +160°C or above, the buck converter goes into
thermal shutdown. When the junction temperature falls
below +140°C, the MIC2132 buck converter soft starts
again.
Where:
RFREQ = Resistor Connects from FREQ Pin to AGND.
RFREQ =
20.1 ×109
fSW_PH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com