Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2132 Datasheet(PDF) 33 Page - Microchip Technology

Part # MIC2132
Description  75V Dual Phase, Advanced COT Buck Controller, Stackable for Multiphase Operation
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2132 Datasheet(HTML) 33 Page - Microchip Technology

Back Button MIC2132 Datasheet HTML 29Page - Microchip Technology MIC2132 Datasheet HTML 30Page - Microchip Technology MIC2132 Datasheet HTML 31Page - Microchip Technology MIC2132 Datasheet HTML 32Page - Microchip Technology MIC2132 Datasheet HTML 33Page - Microchip Technology MIC2132 Datasheet HTML 34Page - Microchip Technology MIC2132 Datasheet HTML 35Page - Microchip Technology MIC2132 Datasheet HTML 36Page - Microchip Technology MIC2132 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 48 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS20006654B-page 33
MIC2132
The ESR of the total input capacitance can be
determined in Equation 5-18:
EQUATION 5-18:
The input capacitor must be rated for the input current
ripple. The rated RMS value of the input capacitor cur-
rent is determined at the maximum output current.
Assuming the peak-to-peak inductor current ripple is
low, the RMS current rating of the input capacitor can
be estimated from Equation 5-19:
EQUATION 5-19:
The graph in Figure 5-2 shows the normalized RMS
input capacitor current vs. duty cycle for single-phase,
two-phase, four-phase, six-phase and eight-phase
buck converter operation. Data are normalized to the
output current.
FIGURE 5-2:
Normalized RMS Input
Capacitor Current vs. Duty Cycle.
For a given multiphase buck converter operating at
duty cycle D, the input capacitor RMS current can also
be determined from the graph in Figure 5-2, together
with Equation 5-20.
EQUATION 5-20:
The power dissipated in the input capacitor can then be
computed from Equation 5-21:
EQUATION 5-21:
The voltage rating of the input capacitor must be high
enough to withstand the high input voltage. The
recommended voltage rating is at least 1.25 times the
maximum input voltage.
5.4
Switch Power MOSFET Selection
The following parameters are important for MOSFET
selection:
• Voltage rating
• Current rating
• On-resistance
• Total gate charge
The voltage rating for both the high-side and low-side
MOSFETs in the buck converter is essentially equal to
the power stage Input Voltage, VIN. A safety factor of
30% should be added to the VIN(MAX), while selecting
the voltage rating of the MOSFETs to account for
voltage spikes due to circuit parasitic elements, as
shown in Equation 5-22.
EQUATION 5-22:
The peak switch current for both the high-side and
low-side MOSFET in the buck converter is the same, and
is equal to the peak inductor current in each phase, as
shown in Equation 5-23.
EQUATION 5-23:
ESRCIN ≤ VIN ×
n
IOUT
Where:
IOUT(MAX) = Maximum Output Current
k = 0,1,2,3,.... for D > k/n and k < n, Maximum
Integer Less than nxD
n = Total Number of Phases (n = 2,4,6,8)
ICIN(RMS) ≈ IOUT(MAX) ×
k
n
D –×
1
n
[]
– D –
k
n
√
ICIN(RMS) = ICINRMS(NORM) × IOUT(MAX)
Where:
ICINRMS(NORM) = Normalized RMS Input Capacitor
Current at given Duty Cycle for
Given Multiphase Buck Converter
from Figure 5-2
PDISS(CIN) = ICIN(RMS)2 × ESRCIN
VDS(RATING) ≥ VIN(MAX) × 1.3
Where:
IOUT(MAX) = Maximum Output Current
n = Total Number of Phases
ΔIL(PP) = Peak-to-Peak Inductor Current per Phase
ISWHS(PK) = ISWLS(PK) =
IOUT(MAX)
n
IL(PP)
2
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com