Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2132 Datasheet(PDF) 12 Page - Microchip Technology

Part # MIC2132
Description  75V Dual Phase, Advanced COT Buck Controller, Stackable for Multiphase Operation
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2132 Datasheet(HTML) 12 Page - Microchip Technology

Back Button MIC2132 Datasheet HTML 8Page - Microchip Technology MIC2132 Datasheet HTML 9Page - Microchip Technology MIC2132 Datasheet HTML 10Page - Microchip Technology MIC2132 Datasheet HTML 11Page - Microchip Technology MIC2132 Datasheet HTML 12Page - Microchip Technology MIC2132 Datasheet HTML 13Page - Microchip Technology MIC2132 Datasheet HTML 14Page - Microchip Technology MIC2132 Datasheet HTML 15Page - Microchip Technology MIC2132 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 48 page
background image
MIC2132
DS20006654B-page 12
 2022 Microchip Technology Inc. and its subsidiaries
Note: Unless otherwise indicated, VIN =12V; VOUT =5V; fSW = 500 kHz/phase; L1 = L2 = L3 = L4 = 4.7 µH;
RILIM = 63.4 kΩ; HS-FETs = N-ch 80V 30A 24 mΩ; LS-FETs = N-ch 80V 46A 16 mΩ; VBST – VSW =5V; TA = +25°C.
FIGURE 2-13:
Efficiency vs. Output
Current (VOUT = 5V).
FIGURE 2-14:
Efficiency vs. Output
Current (VOUT = 12V).
FIGURE 2-15:
Efficiency vs. Output
Current (VOUT = 28V).
FIGURE 2-16:
Switching Waveforms
Phasing (VOUT = 5V, IOUT = 0A).
FIGURE 2-17:
Switching Waveforms
Phasing (VOUT = 12V, IOUT = 0A).
FIGURE 2-18:
Switching Waveforms
Phasing (VOUT = 28V, IOUT = 0A).
0
10
20
30
40
50
60
70
80
90
100
0
5
10
15
20
25
30
35
40
Output Curr nt (A)
VIN=12V
VIN=24V
VIN=48V
0
10
20
30
40
50
60
70
80
90
100
02468
10
12
14
16
18
20
22
Output Current (A)
VIN=24V
VIN=48V
0
10
20
30
40
50
60
70
80
90
100
02468
10
Output Current (A)
VIN=36V
VIN=48V
VSW1
50V/div
VSW2
50V/div
VSW3
50V/div
VSW4
50V/div
VIN = 48V
VOUT = 5V
IOUT = 0A
2
s/div
VSW1
50V/div
VSW2
50V/div
VSW3
50V/div
VSW4
50V/div
VIN = 48V
VOUT = 12V
IOUT = 0A
2
s/div
VSW1
50V/div
VSW2
50V/div
VSW3
50V/div
VSW4
50V/div
VIN = 48V
VOUT = 28V
IOUT = 0A
2
s/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com