Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2132 Datasheet(PDF) 21 Page - Microchip Technology

Part # MIC2132
Description  75V Dual Phase, Advanced COT Buck Controller, Stackable for Multiphase Operation
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2132 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MIC2132 Datasheet HTML 17Page - Microchip Technology MIC2132 Datasheet HTML 18Page - Microchip Technology MIC2132 Datasheet HTML 19Page - Microchip Technology MIC2132 Datasheet HTML 20Page - Microchip Technology MIC2132 Datasheet HTML 21Page - Microchip Technology MIC2132 Datasheet HTML 22Page - Microchip Technology MIC2132 Datasheet HTML 23Page - Microchip Technology MIC2132 Datasheet HTML 24Page - Microchip Technology MIC2132 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS20006654B-page 21
MIC2132
4.4
Ripple Injection Circuit
Components Selection
Follow the steps below for selecting the ripple injection
circuit components if low-ESR output capacitors are used.
The below procedures provide a good starting point for
selecting the ripple injection components. Final values
should be confirmed by laboratory measurements.
1.
Calculate the product of RINJ and CFF for a given
injected Feedback Ripple Voltage, ΔVFB, using
the equation below. Choose ΔVFB in the range
of 40 mV to 500 mV. A good starting point for
ΔVFB is 50 mV.
EQUATION 4-4:
2.
Choose CFF in the range from 0.47 nF to 10 nF.
3.
Calculate RINJ using the above equation.
4.
Calculate the Top Feedback Resistor, RFB(TOP),
value using the equation below.
EQUATION 4-5:
5.
Calculate the Bottom Feedback Resistor,
RFB(BOT), value using the equation below:
EQUATION 4-6:
6.
Estimate
the
crossover
frequency
using
Equation 4-7. If fCO(EST) is above fSW/5, lower
the CFF value and repeat procedure 6.
EQUATION 4-7:
7a) Select CINJ using the below equation if fCO(EST)
calculated above meets Equation 5-11.
EQUATION 4-8:
Add a resistor in parallel with the soft start capacitor con-
nected to the SS pin if CINJ > CFF × (RFB(TOP)/RFB(BOT)).
This ensures that there is no overshoot at the end of the
soft start. Use Equation 4-9 to select the parallel resistor
value.
EQUATION 4-9:
7b) Select CINJ using the below guidelines if
fCO(EST) is low (typically below fSW/15) when fCO
is limited by the minimum ΔVFB required in lower
VOUT applications. Assume fCO = fSW/10.
Calculate the maximum Equivalent Series
Resistance (ESR) of the output capacitor using
Equation 4-10.
EQUATION 4-10:
Calculate the output capacitance using Equation 4-11.
EQUATION 4-11:
Calculate CINJ using Equation 4-12.
EQUATION 4-12:
Using too low a CINJ may result in oscillations at the
beginning of the soft start. These oscillations can be
reduced either by using a higher CINJ or COUT, by
reducing the feedback ripple.
Where:
ΔVFB = Injected Feedback Ripple Voltage
RINJ × CFF =
5V × 100 ns
VFB
Where:
fLC = LC Resonant Frequency = 1/(2 xx sqrt(L x COUT))
RFB(TOP) ≥
1
2 × π × CFF × 0.8 × fLC
Where:
VOUT = Target Output Voltage
VREF = Reference Voltage = 0.6V for MIC2132
RFB(BOT) =
RFB(TOP)
VOUT
VREF
– 1
[]
Where:
L = Inductance
COUT = Output Capacitance
VOUT = Output Voltage
fSW = Switching Frequency
fCO(EST) =
RINJ × CFF
π × L × COUT
VOUT × 106
fSW
×
CINJ ≥
1
0.8 × RINJ × fCO(EST)
Where:
ISS = Soft Start Current Source = 1.2 µA
RSS ≥
0.8V
ISS
Where:
ΔILOAD_STEP = Magnitude of the Load Transient
ΔVOUT_TRANS = Acceptable Output Voltage Deviation
during Load Transient
ESRCOUT ≤
VOUT_TRANS
ILOAD_STEP
COUT ≥
1
π × fCO × ESRCOUT
CINJ = CFF ×
ESRCOUT
2 × π × fCO × L
VOUT
5V × 100 ns × fSW
×



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com