Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2132 Datasheet(PDF) 22 Page - Microchip Technology

Part # MIC2132
Description  75V Dual Phase, Advanced COT Buck Controller, Stackable for Multiphase Operation
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2132 Datasheet(HTML) 22 Page - Microchip Technology

Back Button MIC2132 Datasheet HTML 18Page - Microchip Technology MIC2132 Datasheet HTML 19Page - Microchip Technology MIC2132 Datasheet HTML 20Page - Microchip Technology MIC2132 Datasheet HTML 21Page - Microchip Technology MIC2132 Datasheet HTML 22Page - Microchip Technology MIC2132 Datasheet HTML 23Page - Microchip Technology MIC2132 Datasheet HTML 24Page - Microchip Technology MIC2132 Datasheet HTML 25Page - Microchip Technology MIC2132 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
MIC2132
DS20006654B-page 22
 2022 Microchip Technology Inc. and its subsidiaries
4.5
Detailed Device Description
The MIC2132 always operates in CCM and both
phases support the load current equally at high loads.
4.5.1
CURRENT BALANCING BETWEEN
PHASES
One important benefit of the two-phase operation is the
thermal advantage gained by distributing the heat over
multiple devices and a greater PCB area. By doing this,
the system designer avoids the complexity of driving
parallel MOSFETs and the expense of using expensive
heatsinks.
In order to achieve the thermal advantage, it is import-
ant that each phase carries the same amount of current
at any load level. In the MIC2132, both phase currents
are sensed across the low-side MOSFET, RDS(ON),
during off-time. The low-side MOSFET current is
tracked during off-time and held close to peak value in
the valley point. The average current information is
generated by summing all the phases’ sensed currents
and dividing by the number of phases (two for two
phases). An error current per phase is generated by
making the difference between the average current
information and each phase current, which is used to
modulate TON1 and TON2 in order to cancel the error in
the current sharing.
FIGURE 4-6:
MIC2132 Current Sharing
Circuit.
4.5.2
CURRENT LIMIT
The MIC2132 uses the RDS(ON) of the external low-side
power MOSFET to sense overcurrent conditions, or a
sense resistor inserted with the source of the bottom
FET can be used for more accurate results and not
requiring temperature compensation. The bottom FET
RDS(ON) sensing method will avoid adding cost, use of
additional board space and power losses taken by a
discrete current sense resistor.
The current limit threshold can be programmed by
connecting a resistance from the ILIM pin to AGND.
Both phases use the same current limit threshold.
FIGURE 4-7:
MIC2132 Current-Limiting
Circuit.
The MIC2132 forces a constant 9.6 µA current through
the ILIM setting resistor, tied from the ILIM pin to
AGND, to program VILIM.
In each switching cycle of both phases of the MIC2132
converter, the inductor valley current is sensed by mon-
itoring the VDS voltage across the low-side MOSFET
during the off period. There is a 150 ns (typical) blanking
period before each current sense signal is considered
for protection. The blanking period improves noise
immunity. If the valley low-side MOSFET current is
greater than the current limit threshold current for seven
consecutive cycles in either phase, then the MIC2132
turns off the high-side and low-side MOSFETs of both
phases and a soft start sequence is triggered after the
hiccup timer has expired. This mode of operation is
called Hiccup mode and its purpose is to protect the
downstream load in case of a hard short. Figure 4-8
illustrates the MIC2132 operation during overload condi-
tions. When the load current is increased gradually, the
inductor current also increases, as shown in Figure 4-8.
When the load current is around the current limit thresh-
old, the high-side and low-side MOSFET current can be
higher than the current limit, as highlighted in Figure 4-8
as Case #1. In Case #1, even though the low-side
MOSFET instantaneous current exceeds the current
limit threshold for some duration, the low-side MOSFET
current is lower than the current limit at the end of the
150 ns blanking time. This causes the MIC2132 to not
enter the current limit protection and initiate the next
high-side MOSFET turn-on cycle. After the high-side
MOSFET is turned on, the current ramps up to a value
that is determined by the operating duty cycle and induc-
tor value. When the high-side MOSFET is turned off and
SW1
CSN1
VIN
DL1
DH1
L1
MIC2132
SW2
CSN2
VIN
DL2
DH2
L2
CSP1
CSP2
TON1
GENERATOR
CSH
DROOP
SAMPLE TRACK
& HOLD
SAMPLE TRACK
& HOLD
+
+
+
‒
8
+
‒
8
+
‒
+
‒
1.2V
0.5
0.5
CONTROL
LOGIC
TON2
GENERATOR
OUTS
OUTS
ITON1
ITON2
PHASE1
DRIVER
CONTROL
LOGIC
PHASE2
DRIVER
CONTROL
LOGIC
ADAPTABLE
TON
CONTROL
FREQ
VIN
ITON2
+
‒
8
+
‒
8
VOUT
OUTS
OUTS
+
‒
1
+
‒
1
+
‒
1
+
‒
1
+
‒
1
+
‒
1
+120mV
+120mV
+
‒
1
+
‒
1
SW2
CSN2
VIN
ILIM
DL2
DH2
L2
MIC2132
VILIM
CSP2
PGND
ICL
VDD
1.2V
RILIM
+
‒
+
‒
+
+
‒
+
‒
0.25
0.25
+
_
+
_
0.25
0.25
SW1
CSN1
VIN
DL1
DH1
L1
CSP1
VOUT
VOUT
+
_
+
_
CH1 SHORT
COMPARATOR
CH2 SHORT
COMPARATOR
SHORT LIMIT 1
SHORT LIMIT 2
SHORT LIMIT &
HICCP CONTROL
SS CONTROL
DRIVERS
CONTROL LOGIC
DL2
DL1
DH1
DH2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com