Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2132 Datasheet(PDF) 18 Page - Microchip Technology

Part # MIC2132
Description  75V Dual Phase, Advanced COT Buck Controller, Stackable for Multiphase Operation
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2132 Datasheet(HTML) 18 Page - Microchip Technology

Back Button MIC2132 Datasheet HTML 14Page - Microchip Technology MIC2132 Datasheet HTML 15Page - Microchip Technology MIC2132 Datasheet HTML 16Page - Microchip Technology MIC2132 Datasheet HTML 17Page - Microchip Technology MIC2132 Datasheet HTML 18Page - Microchip Technology MIC2132 Datasheet HTML 19Page - Microchip Technology MIC2132 Datasheet HTML 20Page - Microchip Technology MIC2132 Datasheet HTML 21Page - Microchip Technology MIC2132 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 48 page
background image
MIC2132
DS20006654B-page 18
 2022 Microchip Technology Inc. and its subsidiaries
4.0
FUNCTIONAL DESCRIPTION
4.1
Control Architecture
The MIC2132 is an adaptive on-time, dual phase,
synchronous step-down DC/DC controller. It is
designed to operate over a wide 8V to 75V input volt-
age range and provides a regulated output voltage. An
adaptive on-time control scheme is employed in order
to obtain a constant switching frequency and simplify
the control compensation.
The MIC2132 has a differential remote sense amplifier
with unity gain for sensing output voltage. The differen-
tial remote sense amplifier helps regulate the output
voltage at target level over the entire load range by
avoiding parasitic voltage drops on the PCB. The out-
put of the differential amplifier will be used as output
voltage to the controller. The output voltage is sensed
across the MIC2132 device’s feedback remote sense
FBS pin and ground feedback remote sense GFB pin
via the voltage divider, and compared to a 0.6V
Reference Voltage, VREF, at a low-gain transconduc-
tance (gm) amplifier. The output of the gm amplifier,
Vgm, is then further compared with another 1.2V
reference, VREF_COM, at the error comparator. If the
feedback voltage decreases and the output of the gm
amplifier is below 1.2V, then the error comparator will
trigger the control logic and generate an on-time
period. The on-time period length is predetermined by
the TON1 and TON2 generation circuitries for Phase 1
and Phase 2, respectively.
EQUATION 4-1:
The internal logic starts maintaining the same switching
frequency and phasing for each phase (180° for two
phases; for stackable applications, 90° for four phases;
60° for six phases; 45° for eight phases).
Figure 4-1 shows the MIC2132 control loop timing
during steady-state operation. During steady-state
operation, the gm amplifier senses the feedback volt-
age ripple, which is proportional to the output voltage
ripple and the external ripple from the RIP_INJ pin,
injected to the FBS node at the turn-on instant of each
phase. When the output of the gm error amplifier falls
below the reference voltage, an on-time period is
triggered. The on-time of Phase 1 is determined by the
TON1 generator. The Phase 1 TON1 generator also
includes current sharing error between phases. The
Phase 1 high-side driver turns on the Phase 1 high-side
FET during TON1. The Phase 1 high-side FET turn-off
instant depends on both the TON estimation and current
sharing error. At the end of Phase 1 TON1, the internal
high-side driver turns off the Phase 1 high-side FET
and the low-side driver turns on the Phase 1 low-side
FET. The Phase 1 off-time period length depends upon
the feedback voltage error in the next cycle for
Phase 1. When the output of the gm error amplifier falls
below the reference voltage in the second cycle, the
Phase 2 on-time period is triggered. The on-time of
Phase 2 is determined by the TON2 generator. The
Phase 2 TON2 generator also includes current sharing
error between phases. The Phase 2 high-side driver
turns on the Phase 2 high-side FET during TON2. The
high-side FET turn-off instant depends on both the TON
estimation and current sharing error. At the end of Phase
2 TON2, the internal high-side driver turns off the Phase
2 high-side FET and the low-side driver turns on the
Phase 2 low-side FET. The duration of the Phase 2
off-time period depends upon the feedback voltage error
in the next Phase 2 cycle. The above cycles repeat in a
daisy-chain ring, and both phases support the load
current alternately and maintain output voltage. In
steady-state operation, TON1 = TON2, TOFF1 = TOFF2 and
this way, the resulting phase difference is 180 degrees.
For a stackable configuration of four phases in a similar
way, TON1 = TON2 = TON3 = TON4 and TOFF1 = TOFF2 =
TOFF3 = TOFF4 generates a 90-degree phasing.
If the off-time period determined by the feedback volt-
age is less than the Minimum Off-Time, TOFF(MIN),
which is about 360 ns, then the MIC2132 control logic
will apply the TOFF(MIN) instead to either phase. The
minimum TOFF(MIN) period is required to maintain
enough energy in the Boost Capacitor (CBST) to drive
the high-side MOSFET.
The maximum duty cycle is obtained from the 360 ns
TOFF(MIN):
EQUATION 4-2:
It is not recommended to use the MIC2132 with an
off-time close to TOFF(MIN) during steady-state opera-
tion. Equation 4-2 should be used to choose the TS for
a lower switching frequency when the DMAX is reached,
if VIN is very close to VOUT, knowing that the buck
converter duty cycle equals VOUT divided by VIN.
The actual on-time and the resulting switching
frequency will vary with the part-to-part variation in the
rise and fall times of the external MOSFETs, the output
load current and the variations in the VDD voltage. Also,
the minimum TON results in a lower switching
frequency in high VIN to VOUT applications, such as
28V to 1.0V.
Where:
VOUT = Output Voltage
VIN = Power Stage Input Voltage
fSW = Switching Frequency of Each Phase
TON(EST) =
VOUT
VIN × fSW
Where:
TS =1/fSW
TS – TOFF(MIN)
TS
360 ns
TS
= 1 –
DMAX =



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com