Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2132 Datasheet(PDF) 1 Page - Microchip Technology

Part # MIC2132
Description  75V Dual Phase, Advanced COT Buck Controller, Stackable for Multiphase Operation
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2132 Datasheet(HTML) 1 Page - Microchip Technology

  MIC2132 Datasheet HTML 1Page - Microchip Technology MIC2132 Datasheet HTML 2Page - Microchip Technology MIC2132 Datasheet HTML 3Page - Microchip Technology MIC2132 Datasheet HTML 4Page - Microchip Technology MIC2132 Datasheet HTML 5Page - Microchip Technology MIC2132 Datasheet HTML 6Page - Microchip Technology MIC2132 Datasheet HTML 7Page - Microchip Technology MIC2132 Datasheet HTML 8Page - Microchip Technology MIC2132 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS20006654B-page 1
MIC2132
Features
• Input Voltage Range: 8V to 75V
• Input Down to 2V when VDD = 5V from External
Supply
• Adjustable Output Voltage from 0.6V to 28V
• Adaptive Constant On-Time Control:
- High DeltaV™ operation
- Any Capacitor™ stable
• 0.6V Internal Reference with ±1% Accuracy
• Novel Ripple Injection Method to Allow Greater
than 50% Duty Cycle Operation
• Operates in CCM, Stackable for Multiphase
Operation up to Eight Phases
• Accurate Current Balancing Between Phases
• Accurate 180° Phasing of Outputs
• 100 kHz to 1 MHz Switching Frequency per Phase
• Secondary LDO to Improve System Efficiency
• Supports Start-up to Pre-Bias Output
• Remote Sense Amplifier for Tight Output Regulation
• Droop Feature to Support Adaptive Voltage
Positioning (AVP) for Improved Load
Transient Response
• Precision Enable Function for Low Standby Current
• External Programmable Soft Start to Reduce
Inrush Current
• Lossless RDSON Current Sensing with NTC
Temperature Compensation or Resistor Sensing
Method
• Programmable Current Limit and Hiccup Mode
Short-Circuit Protection
• Thermal Shutdown with Hysteresis
• -40°C to +125°C Junction Temperature Range
• Compact Size: 5 mm x 5 mm 32-Pin VQFN
Package
• AEC-Q100 Qualified (VAO Suffix)
Applications
• Distributed Power Systems
• Communications/Networking Infrastructure
• Printers, Scanners, Graphic and Video Cards
• FPGA, CPU, Memory, GPU Core Supplies
• Automotive POL
General Description
MIC2132 is a constant on-time, dual phase synchronous
buck controller featuring a unique adaptive on-time
control architecture with a stackable feature of up to
eight phases. MIC2132 operates over an input supply
range from 8V to 75V. The output voltage is adjustable
down to 0.6V with an ensured accuracy of ±1% at the
FBS pin. The device operates with programmable
switching frequency from 100 kHz to 1 MHz per phase.
The Hyper Speed Control® architecture supports
ultrafast transient response under medium to heavy
loads. The soft start is also programmable externally
with a capacitor, thus enabling safe start-ups into heavy
loads. MIC2132 has a remote sense amplifier for
accurate output voltage control.
MIC2132 offers a full suite of protection features to
ensure protection of the IC during Fault conditions.
These include undervoltage lockout to ensure proper
operation, programmable soft start to reduce inrush
current, Hiccup mode short-circuit protection and
thermal shutdown.
MIC2132 is available in a 32-pin, 5 mm x 5 mm VQFN
package with a -40°C to +125°C operating junction
temperature range.
Package Type
EN
DH2
PGND
SW2
DL2
ILIM
CSH
AGND
*Includes Exposed Thermal Pad (EP); see Table 3-1.
MIC2132
32-Pin 5 mm x 5 mm VQFN* (ML)
75VDual Phase,Advanced COTBuck Controller,
Stackable for Multiphase Operation


Similar Part No. - MIC2132

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2130 MICREL-MIC2130 Datasheet
762Kb / 20P
High Voltage Synchronous Buck Control IC with Low EMI Option
MIC2130-1YML MICREL-MIC2130-1YML Datasheet
762Kb / 20P
High Voltage Synchronous Buck Control IC with Low EMI Option
MIC2130-1YTSE MICREL-MIC2130-1YTSE Datasheet
762Kb / 20P
High Voltage Synchronous Buck Control IC with Low EMI Option
MIC2130-4YML MICREL-MIC2130-4YML Datasheet
762Kb / 20P
High Voltage Synchronous Buck Control IC with Low EMI Option
MIC2130-4YTSE MICREL-MIC2130-4YTSE Datasheet
762Kb / 20P
High Voltage Synchronous Buck Control IC with Low EMI Option
More results

Similar Description - MIC2132

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40140 TI-TPS40140 Datasheet
1Mb / 65P
DUAL OR 2-PHASE, STACKABLE CONTROLLER
logo
Intersil Corporation
ISL6315 INTERSIL-ISL6315_07 Datasheet
392Kb / 20P
Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
ISL6563 INTERSIL-ISL6563 Datasheet
516Kb / 19P
Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
ISL8101 INTERSIL-ISL8101 Datasheet
404Kb / 20P
Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
July 28, 2008
logo
Texas Instruments
TPS53851 TI1-TPS53851 Datasheet
1Mb / 64P
DUAL OR 2-PHASE, STACKABLE CONTROLLER
TPS40140 TI1-TPS40140_16 Datasheet
2Mb / 68P
Dual or 2-Phase, Stackable Controller
logo
Shenzhen Huazhimei Semi...
HM1462 HMSEMI-HM1462 Datasheet
614Kb / 8P
40Vin 2 Outputs COT Buck Controller
logo
Microchip Technology
MIC21LV32 MICROCHIP-MIC21LV32 Datasheet
1Mb / 50P
36V Dual Phase, Advanced COT Buck Controller Stackable for Multiphase Operation
02/28/20
MIC21LV33 MICROCHIP-MIC21LV33 Datasheet
3Mb / 54P
36V Dual Phase, Advanced COT Buck Controller with HyperLight Load짰 and Phase Shedding
02/28/20
MIC2133 MICROCHIP-MIC2133 Datasheet
2Mb / 50P
75V Dual Phase, Advanced COT Buck Controller with Selectable Droop Feature and Phase Shedding
Revision B / July 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com