Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2132 Datasheet(PDF) 27 Page - Microchip Technology

Part # MIC2132
Description  75V Dual Phase, Advanced COT Buck Controller, Stackable for Multiphase Operation
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2132 Datasheet(HTML) 27 Page - Microchip Technology

Back Button MIC2132 Datasheet HTML 23Page - Microchip Technology MIC2132 Datasheet HTML 24Page - Microchip Technology MIC2132 Datasheet HTML 25Page - Microchip Technology MIC2132 Datasheet HTML 26Page - Microchip Technology MIC2132 Datasheet HTML 27Page - Microchip Technology MIC2132 Datasheet HTML 28Page - Microchip Technology MIC2132 Datasheet HTML 29Page - Microchip Technology MIC2132 Datasheet HTML 30Page - Microchip Technology MIC2132 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 48 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS20006654B-page 27
MIC2132
Because the current sensing range is ±120 mV, the
output voltage range of VDROOP is 0V to 0.9V.
The part of the schematic to implement the AVP for a
5V output is shown in Figure 4-16. The underlying
assumption is that the current sense is done using
sense resistors independent of temperature.
The sizing starts with the conditions: VDROOP = 0V for
IOUT = 0A and VDROOP = 600 mV for IOUT = IOUT(MAX).
Depending on the voltage drop across the sense
resistors at IOUT(MAX), the DROOP pin can have a
value
different
from
600
mV,
assuming
that
VDROOP(IOUTMAX) = 600 mV.
Step 1: Sizing the resistors for getting (1+Ɛ)
* VOUT at
IOUT = 0A. Because VDROOP = 0V, we have VOUT
according to Equation 4-21:
EQUATION 4-21:
As a first approximation, consider choosing RFBB2
small enough so that RFBB2||RDROOP ≈ RFBB2, and we
size RFBB1, RFBB2 and RFBT to get the correct 5.00V
injection and stability.
Step 2: Sizing the resistors to have the trip of
VOUT *2⋅Ɛ from IOUT = 0A to IOUT = IOUT(MAX) or from
VDROOP = 0V to VDROOP = 600 mV.
Then,
EQUATION 4-22:
If RDROOP >> RFBB2 in Equation 4-22, then we can
simplify the equation as shown in Equation 4-23 or
Equation 4-24:
EQUATION 4-23:
Or
EQUATION 4-24:
Step 3: The RFBB1 is slightly adjusted to get
VOUT * (1 + Ɛ) for IOUT = 0A. The result is in
Figure 4-16.
FIGURE 4-16:
AVP Implementation for 5V
Output with 2% AVP Range for DROOP Pin
Range 0V to 600 mV.
Equation 4-23 and Equation 4-24 can also have the
exact solution; the main difficulty being to find standard
resistors of 0.1% to respect the initial positioning of +Ɛ
for IOUT = 0A and the 2⋅Ɛ move down for IOUT(MAX).
The example above was based on temperature-
independent current sensing using sense resistors. In
case the bottom FET is used, the VDROOP is defined as:
EQUATION 4-25:
Considering the sensing current range of 120 mV, it
results that the operating maximum voltage value is:
EQUATION 4-26:
Since RDSON(LS) increases to about 2x at +125°C
related to the value at +25°C, it is necessary to choose
RDSON *IOUT(MAX) < 60 mV at +25°C in order to
respect the sensing range over temperature.
To desensitize the AVP related to the temperature
variation of RDSON, a resistance network used with an
NTC resistor needs to be used, as shown in
Figure 4-17 on the next page.
VOUT =1 +
RFBT
RFBB1 + RFBB2||RDROOP
× VREF
VFBS
VREF
=
nD × VDROOP(MAX)
VREF
2Ɛ
=
RFBB2
RFFB2 + RDROOP
RFBT
RFBT + RFBB1 + RFBB2||RDROOP
××
Where:
nD = Number of 2-Phase Controller Devices
(nD = 1,2,3,4)
nD × VDROOP(MAX)
VREF
RFBB2
RFFB2 + RDROOP
RFBT
RFBT + RFBB1 + RFBB2
××
2Ɛ =
RFBB2 ×
VDROOP(MAX)
VREF
– 1
RDROOP =
nD
2Ɛ
×
RFBT
RFBT + RFBB1 + RFBB2
×
MIC2132
FBS
RFBB1
DROOP
VOUT
RINJ
CINJ
RIP_INJ
GFB
RDROOP
RFBB2
RFBT
CFF
RBIAS
Where:
RDSON(LS) = Low-Side MOSFET Turn-On Resistance
VDROOP = VCSH – 1.2V = 8 × RDSON(LS) × IL
VDROOP(MAXOP) = 120 mV × 8 = 0.96V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com