Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2132 Datasheet(PDF) 41 Page - Microchip Technology

Part # MIC2132
Description  75V Dual Phase, Advanced COT Buck Controller, Stackable for Multiphase Operation
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2132 Datasheet(HTML) 41 Page - Microchip Technology

Back Button MIC2132 Datasheet HTML 37Page - Microchip Technology MIC2132 Datasheet HTML 38Page - Microchip Technology MIC2132 Datasheet HTML 39Page - Microchip Technology MIC2132 Datasheet HTML 40Page - Microchip Technology MIC2132 Datasheet HTML 41Page - Microchip Technology MIC2132 Datasheet HTML 42Page - Microchip Technology MIC2132 Datasheet HTML 43Page - Microchip Technology MIC2132 Datasheet HTML 44Page - Microchip Technology MIC2132 Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 48 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS20006654B-page 41
MIC2132
)RU WKHPRVWFXUUHQWSDFNDJHGUDZLQJVSOHDVHVHHWKH0LFURFKLS3DFNDJLQJ6SHFLILFDWLRQ ORFDWHG DW
KWWSZZZPLFURFKLSFRPSDFNDJLQJ
1RWH
5()5HIHUHQFH'LPHQVLRQXVXDOO\ ZLWKRXWWROHUDQFHIRU LQIRUPDWLRQ SXUSRVHV RQO\
%6&%DVLF'LPHQVLRQ7KHRUHWLFDOO\ H[DFWYDOXH VKRZQ ZLWKRXWWROHUDQFHV
1RWHV



3LQYLVXDO LQGH[IHDWXUHPD\YDU\EXWPXVWEHORFDWHGZLWKLQ WKH KDWFKHGDUHD
3DFNDJHLVVDZ VLQJXODWHG
'LPHQVLRQLQJDQGWROHUDQFLQJ SHU $60( <0
6KHHWRI 
1XPEHURI7HUPLQDOV
2YHUDOO +HLJKW
7HUPLQDO :LGWK
2YHUDOO :LGWK
7HUPLQDO /HQJWK
([SRVHG3DG :LGWK
7HUPLQDO 7KLFNQHVV
3LWFK
6WDQGRII
8QLWV
'LPHQVLRQ /LPLWV
$
$
E
(
$
H
/
(
1
 %6&
 5()








0,//,0(7(56
0,1
120





0$;
.
 5()
7HUPLQDOWR([SRVHG3DG
2YHUDOO /HQJWK
([SRVHG 3DG /HQJWK
'
'

 %6&



 %6&


/HDG9HU\7KLQ4XDG)ODW1R/HDG3DFNDJH 4/$  [[PP%RG\>94)1@
:LWKPP([SRVHG 3DG
0LFURFKLS7HFKQRORJ\'UDZLQJ &5HY$



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com