Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2132 Datasheet(PDF) 7 Page - Microchip Technology

Part # MIC2132
Description  75V Dual Phase, Advanced COT Buck Controller, Stackable for Multiphase Operation
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2132 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MIC2132 Datasheet HTML 3Page - Microchip Technology MIC2132 Datasheet HTML 4Page - Microchip Technology MIC2132 Datasheet HTML 5Page - Microchip Technology MIC2132 Datasheet HTML 6Page - Microchip Technology MIC2132 Datasheet HTML 7Page - Microchip Technology MIC2132 Datasheet HTML 8Page - Microchip Technology MIC2132 Datasheet HTML 9Page - Microchip Technology MIC2132 Datasheet HTML 10Page - Microchip Technology MIC2132 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS20006654B-page 7
MIC2132
On Timer
Nominal Switching Frequency
per Phase
fSWNOM_PH
400
500
600
kHz
VIN = 12V, VOUTS = 5V,
RFREQ = 40.2 kΩ
Minimum Switching Frequency
per Phase
fSWMIN_PH
—
100
—
kHz
VIN = 12V, VOUTS = 5V,
RFREQ = 200 kΩ
Maximum Switching Frequency
per Phase
fSWMAX_PH
—
800
—
kHz
VIN = 12V, VOUTS = 5V,
RFREQ = 25.5 kΩ
Minimum On-Time
TONMIN
—
60
—
ns
Measured in application (Note 2)
Minimum Off-Time
TOFFMIN
—
360
—
ns
VFBS = 0V
Maximum Duty Cycle
DMAX
—85
—
%
fSW = 400 kHz per phase
(Note 4)
Minimum Duty Cycle
DMIN
—0
—
%
VFBS = +1V (Note 2)
Current Limit
ILIM Source Current
ICL
8.3
9.6
10.56
µA
ILIM Source Current Temperature
Coefficient
TCICL
—0
—
ppm/°C (Note 2)
Nominal Current Limit Threshold
Voltage per Phase
VILIM_TH
139
156
174
mV
RILIM = 60.4 kΩ,
RILIM = 105 kΩ,
RILIM = 21 kΩ
—47
—
mV
—
250
—
mV
Negative Current Limit Threshold
Voltage
VILIM_NTH
60
75
90
mV
RILIM = 60.4 kΩ
Current Sharing Amplifier
CSH Operating Point
VCSH_OP
1.154
1.19
1.244
VVCSN1 = VCSN2 = VCSP1 =
VCSP2 = 0V
Current Sense Amplifier(s) Gain
GCSA
—
8
—
V/V
As reflected on VCSH pin and
DROOP pin
Current Sense Input Voltage
Range
VCS
-120
—
+120
mV
-40ºC ≤ TJ ≤ +125ºC
Phase to Phase Current Balance
ΔIPH
—
5
—
%
Using equal sense resistors on
the bottom, equal inductances,
VOUT = 5V, fSW = 500 kHz,
VIN = 12V,
VCSP1 – VCSN1=-120mV,
VCSP2 – VCSN2=-120 mV
MIC2132 to MIC2132 Current
Balance
ΔIPH_DEV
—
8
—
%
In stacking applications
ELECTRICAL CHARACTERISTICS(1) (CONTINUED)
Electrical Characteristics: VIN =12V; VOUT =5V; fSW = 500 kHz/phase; VBST – VSW =5V; TA = +25°C, unless noted.
Boldface values indicate -40°C ≤ TJ ≤ +125°C.
Parameters
Symbol
Min.
Typ.
Max.
Units
Conditions
Note 1: Specification for packaged product only.
2: Guaranteed by design and characterization. Not production tested.
3: Measured in Test mode.
4: The maximum duty cycle is limited by the fixed mandatory off-time of typically 360 ns.
5: Limited by maximum junction temperature, TJ = +125°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com