Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2132 Datasheet(PDF) 32 Page - Microchip Technology

Part # MIC2132
Description  75V Dual Phase, Advanced COT Buck Controller, Stackable for Multiphase Operation
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2132 Datasheet(HTML) 32 Page - Microchip Technology

Back Button MIC2132 Datasheet HTML 28Page - Microchip Technology MIC2132 Datasheet HTML 29Page - Microchip Technology MIC2132 Datasheet HTML 30Page - Microchip Technology MIC2132 Datasheet HTML 31Page - Microchip Technology MIC2132 Datasheet HTML 32Page - Microchip Technology MIC2132 Datasheet HTML 33Page - Microchip Technology MIC2132 Datasheet HTML 34Page - Microchip Technology MIC2132 Datasheet HTML 35Page - Microchip Technology MIC2132 Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
MIC2132
DS20006654B-page 32
 2022 Microchip Technology Inc. and its subsidiaries
EQUATION 5-11:
The maximum value of the overall ESR of the output
capacitor in steady state is calculated in Equation 5-12.
EQUATION 5-12:
The maximum overall ESR value of the output capacitor
must also meet the load transient requirement and is
calculated in Equation 5-13. Then, the lower value must
be chosen for the output capacitor ESR.
EQUATION 5-13:
As described in Section 4.1 “Control Architecture” of
the MIC2132 “Functional Description”, it requires at least
20 mV peak-to-peak ripple at the FBS pin to make the
gm amplifier and the error comparator behave properly.
Also, the output voltage ripple should be in phase with
the inductor current.
Therefore, the output voltage ripple caused by the
output capacitor’s value should be much smaller than
the ripple caused by the output capacitor’s ESR. If
low-ESR capacitors, such as ceramic capacitors, are
selected as the output capacitors, a ripple injection
method must be applied to provide enough feedback
voltage ripple. Please refer to Section 4.4 “Ripple
Injection Circuit Components Selection” for more
details.
The voltage rating of the output capacitor should be
25% greater than the maximum output voltage. The
output capacitor RMS current is calculated in
Equation 5-14:
EQUATION 5-14:
The power dissipated in the output capacitor is
calculated in Equation 5-15.
EQUATION 5-15:
5.3
Input Capacitor Selection
In addition to high-frequency ceramic capacitors, a
larger bulk capacitance, either ceramic or aluminum
electrolytic, should be used to help attenuate ripple on
the input and to supply current to the input during large
output current transients. The input capacitor for the
power stage input VIN should be selected for ripple volt-
age at VIN, capacitance, ESR, ripple current rating and
voltage rating. Tantalum input capacitors may fail when
subjected to high inrush currents caused by turning the
input supply on. A tantalum input capacitor’s voltage
rating must be at least two times the maximum input
voltage to maximize reliability. Aluminum electrolytic,
OS-CON and multilayer polymer film capacitors can
handle the higher inrush currents without voltage
derating. Due to the ripple cancellation effect of the
two-phase buck converter, the input ripple voltage and
ripple current are smaller than those of the
single-phase converter, and the effective ripple
frequency seen by the input capacitor is twice the
switching frequency. The input ripple voltage depends
on the IOUT and input capacitor’s capacitance and
ESR. The steady state input voltage ripple can be esti-
mated by Equation 5-16.
EQUATION 5-16:
The capacitance of the input capacitor can be
determined in Equation 5-17:
EQUATION 5-17:
Where:
ΔILOAD = Output Load Current Step in Load
Transient
ΔVOUT(TRANS) = Output Voltage Change in Load
Transient
fCO = Crossover Frequency, Equal to
About fSW/10
COUT ≥
ILOAD
VOUT(TRANS) × π × fCO
ESRCOUT ≤
VOUT(PP)
IOPP
ESRCOUT ≤
VOUT(TRANS)
ILOAD
ICOUT(RMS) =
IOPP
12
√
PDISS(COUT) = ICOUT(RMS)2 × ESRCOUT
Where:
IOUT = Total Output Current
D = Duty Cycle per Phase
n = Total Number of Phases (n = 2,4,6,8)
k = 0,1,2,3... for D > k/n and k < n
fSW
Switching Frequency per Phase
CIN = Total Input Capacitance
ESRCIN = Equivalent Series Resistance of Input
Capacitor
VIN ≈
k
n
n × fSW × CIN
IOUT × D –×
1
n
[]
– D –
k
n
× ESRCIN
IOUT
n
+
Where:
k = 0,1,2,3,.... for D > k/n and k < n
n = Total Number of Phases (n = 2,4,6,8)
CIN ≥
k
n
n × fSW × VIN
IOUT × D –×
1
n
[]
– D –
k
n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com