Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2132 Datasheet(PDF) 24 Page - Microchip Technology

Part # MIC2132
Description  75V Dual Phase, Advanced COT Buck Controller, Stackable for Multiphase Operation
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2132 Datasheet(HTML) 24 Page - Microchip Technology

Back Button MIC2132 Datasheet HTML 20Page - Microchip Technology MIC2132 Datasheet HTML 21Page - Microchip Technology MIC2132 Datasheet HTML 22Page - Microchip Technology MIC2132 Datasheet HTML 23Page - Microchip Technology MIC2132 Datasheet HTML 24Page - Microchip Technology MIC2132 Datasheet HTML 25Page - Microchip Technology MIC2132 Datasheet HTML 26Page - Microchip Technology MIC2132 Datasheet HTML 27Page - Microchip Technology MIC2132 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 48 page
background image
MIC2132
DS20006654B-page 24
 2022 Microchip Technology Inc. and its subsidiaries
FIGURE 4-9:
Resistance Network Used
with RNTC Resistor for Linearization and Fitting
the Temperature Coefficient of MOSFET RDSON.
In case a temperature-independent resistor sensing is
used, a simple temperature constant standard
resistance is used on the ILIM pin.
4.5.3
NEGATIVE CURRENT LIMIT
The MIC2132 supports a cycle-by-cycle negative
current limit. The absolute value of the negative
current-limiting threshold is 50% of the programmed
current limit. If the negative low-side MOSFET current
is going to trigger a negative current limit, the low-side
MOSFET will be turned off and allow current through its
body diode. During this time, the output voltage tends
to rise, because this protection limits the current to
discharge the output capacitor. In order to prevent a
huge reverse current over the short limit value, the
low-side FET turns on after 500 ns, maintaining
negative current at the programmed level.
4.5.4
PRECISION ENABLE (EN)
The precision Enable (EN) input is used to control the
regulator. The precision feature allows the simple
sequencing of multiple power supplies with a resistor
divider from another supply. Connecting this pin to
ground, or to a voltage lower than 1.2V (typical), will turn
off the regulator. In this state, the current drain from the
input supply is 25 µA (typical) at a 12V input voltage.
The EN input has an internal pull-up of about 6 µA.
Therefore, this pin can be left floating or pulled to a volt-
age greater than 1.2V (typical) to turn the regulator on.
The hysteresis on this input is about 65 mV (typical)
below the 1.2V (typical) threshold. When driving the
enable input, the voltage must never exceed the abso-
lute maximum specification for this pin. Although an
internal pull-up is provided on the EN pin, it is a good
practice to pull the input high when this feature is not
used, especially in noisy environments. This can be
done easily by connecting a high-value resistor (1 MΩ)
between the VIN and EN pins. The MIC2132 device
also incorporates an internal input Undervoltage Lock-
out (UVLO) feature. This prevents the regulator from
turning on when the input voltage is not high enough to
properly bias the internal circuitry. The rising threshold
is 4.3V (typical) while the falling threshold is 3.9V (typ-
ical). In some cases, these thresholds may be too low
to provide good system performance. The solution is to
use the EN input as an external programmable input
UVLO to disable the part when the input voltage falls
below a target lower threshold. This is often used to
prevent excessive battery discharge or early turn-on
during start-up. This method is also recommended to
prevent abnormal device operation in applications
where the input voltage falls below the minimum of 4.5V.
Figure 4-10 shows the connections to implement this
method of UVLO. Equation 4-17 and Equation 4-18
can be used to determine the correct resistor values.
EQUATION 4-17:
EQUATION 4-18:
Due to the 6 µA pull-up, the current in the divider must
be much higher than this. A value of 20 kΩ for RBOT is
a good first choice.
FIGURE 4-10:
External Programmable VIN
UVLO Connections.
Where:
RTOP = Top Resistor of the VIN Voltage Resistor
Divider
RBOT = Bottom Resistor of the VIN Voltage Resistor
Divider
VOFF = Target VIN Voltage Below which the
Regulator Turns Off
VENTH = Device Enable Upper Threshold Voltage
VENHYS = Enable Threshold Hysteresis
RTOP = RBOT ×
VOFF
VENTH – VENHYS
– 1
Where:
VOFF = Input Voltage where the Regulator Shuts Off
VON = Input Voltage where the Regulator Turns On
VENHYST = Enable Threshold Hysteresis
VENTH = Enable Upper Threshold Voltage
VON = VOFF × (
)
VENTH
VENTH – VENHYS
MIC2132
EN
RBOT
VIN
RTOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com