Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2132 Datasheet(PDF) 4 Page - Microchip Technology

Part # MIC2132
Description  75V Dual Phase, Advanced COT Buck Controller, Stackable for Multiphase Operation
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2132 Datasheet(HTML) 4 Page - Microchip Technology

  MIC2132 Datasheet HTML 1Page - Microchip Technology MIC2132 Datasheet HTML 2Page - Microchip Technology MIC2132 Datasheet HTML 3Page - Microchip Technology MIC2132 Datasheet HTML 4Page - Microchip Technology MIC2132 Datasheet HTML 5Page - Microchip Technology MIC2132 Datasheet HTML 6Page - Microchip Technology MIC2132 Datasheet HTML 7Page - Microchip Technology MIC2132 Datasheet HTML 8Page - Microchip Technology MIC2132 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
MIC2132
DS20006654B-page 4
 2022 Microchip Technology Inc. and its subsidiaries
Functional Block Diagram
CONTROL
LOGIC
and DEMUX
HV LDO
IN
4.7V
FEED FORWARD
SHORT LIMIT
CONTROL
PV
DD
ADAPTABLE
TON
CONTROL
RFREQ
C3
C4
V
IN
Q1
Q2
VIN
FREQ
DH1
SW1
DL1
CSN1
BST1
ILIM
FBS
VDD
EN
PG
AGND
EXTVDD
RINJ
CINJ
RFB(BOT1)
RILIM
C8
C9
V
OUT
PGND
L1
C2
C1
V
OUT
EN
RIP_INJ
PVDD
R1
V
DD
12V LDO with
REVERSE
BLOCKING
IN
V
DD
C5
VDD
CSS
CURRENT
SENSING and
SHARING
CONTROL
PV
DD
DL2
SW2
DH2
BST2
CSN2
C11
V
IN
L2
PV
DD
DROOP
V
OUT
PRECISION
ENABLE
LDO
SELECTION
ONR
GFB
PGND
88%
VREF
VFBS
CSP1
CSP2
1.2V
APO
RDROOP
CSH
C10
C12
OUTS
NPI
ITON1
ITON2
UVLO and TSD
V
DD
RIPPLE INJECTION
DRIVER
PHASE 1
DRIVER
LOGIC
V
DD
TON 1
GENERATOR
OUTS
ITON1
1
1
SS
CONTROL
and HICCUP
VREF
RSA
gm E/A
COMP
SS
TON 2
GENERATOR
PHASE 2
DRIVER
LOGIC
ITON2
OUTS
ISS
IBIAS
V
DD
ICL
SW1
PGND
CFF
CSP1
CSN1
CSP2
CSN2
V
OUT
FAULT
FAULT
RBIAS
PG
RFB(BOT2)
ONR
RFB(TOP)
D1
D2
VREF_COM
Q3
Q4
10 k
PVDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com