Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2132 Datasheet(PDF) 34 Page - Microchip Technology

Part # MIC2132
Description  75V Dual Phase, Advanced COT Buck Controller, Stackable for Multiphase Operation
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2132 Datasheet(HTML) 34 Page - Microchip Technology

Back Button MIC2132 Datasheet HTML 30Page - Microchip Technology MIC2132 Datasheet HTML 31Page - Microchip Technology MIC2132 Datasheet HTML 32Page - Microchip Technology MIC2132 Datasheet HTML 33Page - Microchip Technology MIC2132 Datasheet HTML 34Page - Microchip Technology MIC2132 Datasheet HTML 35Page - Microchip Technology MIC2132 Datasheet HTML 36Page - Microchip Technology MIC2132 Datasheet HTML 37Page - Microchip Technology MIC2132 Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 48 page
background image
MIC2132
DS20006654B-page 34
 2022 Microchip Technology Inc. and its subsidiaries
The RMS current rating of the high-side power
MOSFET in each phase channel is approximated in
Equation 5-24.
EQUATION 5-24:
The maximum duty cycle of each phase channel is
calculated in Equation 5-25:
EQUATION 5-25:
The RMS current rating of the low-side power MOSFET
in
each
phase
channel
is
approximated
in
Equation 5-26.
EQUATION 5-26:
The conduction loss of the high-side power MOSFET in
each phase channel is calculated in Equation 5-27.
EQUATION 5-27:
The conduction loss of the low-side power MOSFET in
each phase channel is calculated in Equation 5-28.
EQUATION 5-28:
The switching loss of the high-side power MOSFET in
each phase channel is estimated in Equation 5-29.
EQUATION 5-29:
The high-side MOSFET output capacitance discharge
loss can be calculated in Equation 5-30.
EQUATION 5-30:
The total power dissipation of the high-side power
MOSFET in each phase channel is the sum of the con-
duction loss, the switching loss and the MOSFET output
capacitance discharge loss, as shown in Equation 5-31.
EQUATION 5-31:
The high-side power MOSFET in each phase channel
selected must be capable of handling the total power
dissipation. To improve efficiency and minimize the
power loss, the power MOSFET should be selected
with low on-resistance and optimum gate charge.
Where:
DMAX = Maximum Duty Cycle
ISWHS(RMS) =
DMAX
×
IOUT(MAX)
n
√
Where:
VOUT(MAX) = Maximum Output Voltage
VIN(MIN) = Minimum Input Voltage
Eff = Efficiency of Buck Converter
DMAX =
VOUT(MAX)
Eff × VIN(MIN)
Where:
DMAX = Maximum Duty Cycle
ISWLS(RMS) =
1 – DMAX
×
IOUT(MAX)
n
√
Where:
RDSON(HS) = High-Side MOSFET On-Resistance
PCOND(HS) = ISWHS(RMS)2 × RDSON(HS)
Where:
RDSON(LS) = Low-Side MOSFET On-Resistance
PCOND(LS) = ISWLS(RMS)2 × RDSON(LS)
Where:
tR = High-Side MOSFET Turn-on Transition Time
tF = High-Side MOSFET Turn-off Transition Time
QG(HS) = Switching Gate Charge of High-Side
MOSFET
QGSHS = Gate-to-Source Charge of High-Side
MOSFET
QGDHS = Gate-to-Drain Charge of High-Side MOSFET
RONDHH = High-Side Gate Driver Pull-up Resistance
RONDHL = High-Side Gate Driver Pull-Down
Resistance
RG(HS) = Gate Resistance of High-Side MOSFET
VTH(HS) = High-Side MOSFET Gate-to-Source
Threshold Voltage
PSWL(HS) = VIN(MAX) ×
IOUT(MAX)
2n
× (tR + tF) × fSW
tR = QG(HS) ×
(RONDHH + RG(HS))
VDD – VTH(HS)
tF = QG(HS) ×
(RONDHL + RG(HS))
VTH(HS)
QG(HS) = 0.5 × QGSHS + QGDHS
Where:
COSS(HS) = High-Side MOSFET Output Capacitance
PCOSS(HS) = 0.5 × COSS(HS)(VIN(MAX))2 × fSW
PD(HS) = PCOND(HS) + PSWL(HS) + PCOSS(HS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com