Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2132 Datasheet(PDF) 2 Page - Microchip Technology

Part # MIC2132
Description  75V Dual Phase, Advanced COT Buck Controller, Stackable for Multiphase Operation
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2132 Datasheet(HTML) 2 Page - Microchip Technology

  MIC2132 Datasheet HTML 1Page - Microchip Technology MIC2132 Datasheet HTML 2Page - Microchip Technology MIC2132 Datasheet HTML 3Page - Microchip Technology MIC2132 Datasheet HTML 4Page - Microchip Technology MIC2132 Datasheet HTML 5Page - Microchip Technology MIC2132 Datasheet HTML 6Page - Microchip Technology MIC2132 Datasheet HTML 7Page - Microchip Technology MIC2132 Datasheet HTML 8Page - Microchip Technology MIC2132 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
MIC2132
DS20006654B-page 2
 2022 Microchip Technology Inc. and its subsidiaries
Typical Application Circuit
MIC2132
RFREQ
C3
C4
V
IN
Q1
Q2
VIN
DH1
SW1
DL1
CSN1
BST1
FBS
VDD
PG
AGND
EXTVDD
RFB(BOT1)
C8
C9
V
OUT
PGND
L1
C1
C2
V
OUT
EN
SS
R2
V
DD
C5
CSS
DL2
SW2
DH2
PGND
BST2
CSN2
C11
V
IN
L2
DROOP
V
OUT
PVDD
NPI
ONR
V
OUT
FREQ
RINJ
CINJ
RIP_INJ
ILIM
RILIM
GFB
CSP1
CSP2
RDROOP
CSH
C13
APO
C10
C12
EN
OUTS
PG
Q3
Q4
RBIAS
CFF
RFB(BOT2)
RFB(TOP)
2.2 μF
4.7 μF
R1
2.2
R3
10 k
10 k
Note:
Application circuit based on RDSON current sensing without temperature compensated ILIM and
Droop. Temperature compensation can be done using NTC resistors (refer to Section 4.0
“Functional Description”).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com