Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO1521LP10 Datasheet (PDF) - DIOO MICROCIRCUITS CO., LTD

DIO1521LP10 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD
Part # DIO1521LP10
Download  DIO1521LP10 Download
File Size   1472.22 Kbytes
Page   12 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description 2-Channel Exchange Switch

DIO1521LP10 Datasheet (PDF)

Go To PDF Page Download Datasheet
DIO1521LP10 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD

Part # DIO1521LP10
Download  DIO1521LP10 Click to download

File Size   1472.22 Kbytes
Page   12 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description 2-Channel Exchange Switch

DIO1521LP10 Datasheet (HTML) - DIOO MICROCIRCUITS CO., LTD


DIO1521LP10 Product details

 Features
 Operating VCC range: 2.3 V to 5.5 V
 High-performance switch:
− Bandwidth (-3 dB): 180 MHz (Typ.)
− RON (SBU1): 0.85 Ω (Typ.)
− RON (SBU2): 0.65 Ω (Typ.)
− THD+N = -106 dB, 0.5 VRMS, f = 20 Hz ~ 20
kHz, 32 Ω load
− Crosstalk = -110 dB,f = 1 kHz, RL = 50 Ω,
VSW = 0.7 VRMS
− Off-isolation = -105 dB, f = 1 kHz, RL = 32 Ω,
CL = 0 pF, VSW = 1 VRMS
 SBUx pins OVP: 4.2 V (Typ.)
 SBUx pins up to 12 V DC
 Support 1.2 V GPIO control (VIH: 0.825 V Min.)
 Active supply current: 32 μA (Typ.)
 Shutdown current:0.3 μA (Typ.)
 Operating temperature range: -40°C to 85°C
 Applications
 Mobile phone
 PC / Notebook
 Description
The DIO1521 is a 2-channel exchange switch. The
DIO1521 operates from a single 2.3 V to 5.5 V
supply and features an ultra-low on resistance of
0.85 Ω for SBU1 and 0.65 Ω for SBU2 at a 3.3 V
supply and TA = 25°C. This device is fabricated with
sub-micron CMOS technology to achieve fast
switching speeds and is designed for
break-before-make operation.
The DIO1521 guarantees low on-resistance
matching between switches, on-resistance flatness
over the signal range, high off-isolation and low
crosstalk, which ensures excellent linearity and low
distortion when switching audio signals. The
DIO1521 consists of two normally open and two
normally close switches.
The DIO1521 provides Green QFN1.8*1.4-10
package.




Similar Part No. - DIO1521LP10

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO1520 DIOO-DIO1520 Datasheet
1Mb / 10P
Analog Switch
Rev 2.7
DIO1520B DIOO-DIO1520B Datasheet
1Mb / 10P
Analog Switch
Rev 1.2
DIO1520BLP10 DIOO-DIO1520BLP10 Datasheet
1Mb / 10P
Analog Switch
Rev 1.2
DIO1520LP10 DIOO-DIO1520LP10 Datasheet
1Mb / 10P
Analog Switch
Rev 2.7
DIO1523 DIOO-DIO1523 Datasheet
1Mb / 9P
Analog Switch
Rev 1.2
More results


Similar Description - DIO1521LP10

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FST163209 IDT-IDT74FST163209 Datasheet
82Kb / 6P
9-BIT BUS EXCHANGE SWITCH
logo
Toshiba Semiconductor
TC7WB383FK TOSHIBA-TC7WB383FK Datasheet
111Kb / 7P
2-Bit Bus Exchange Switch
17-Sep-2001
logo
ON Semiconductor
7WB383 ONSEMI-7WB383 Datasheet
169Kb / 12P
Bus Exchange Switch
April, 2010 ??Rev. 0
7WBD383 ONSEMI-7WBD383 Datasheet
190Kb / 14P
Translating Bus Exchange Switch
February, 2010 ??Rev. 0
logo
Pericom Semiconductor C...
PI2PCIE2442 PERICOM-PI2PCIE2442 Datasheet
950Kb / 8P
PCI Express 2.0, 2-lane Exchange Switch
PI3PCIE3442 PERICOM-PI3PCIE3442 Datasheet
1Mb / 13P
3.3V PCI Express 3.0 2-Lane Exchange Switch
logo
ON Semiconductor
7WB383 ONSEMI-7WB383_14 Datasheet
89Kb / 10P
Bus Exchange Switch
October, 2014 ??Rev. 1
7WBD383 ONSEMI-7WBD383_14 Datasheet
110Kb / 12P
Translating Bus Exchange Switch
October, 2014 ??Rev. 2
logo
Diodes Incorporated
PI3PCIE3242A DIODES-PI3PCIE3242A Datasheet
1,021Kb / 11P
3.0 4 Channel 2x2 Exchange Switch
Rev 1-2
PI3PCIE3442A DIODES-PI3PCIE3442A Datasheet
1Mb / 14P
3.3V PCI Express® 3.0 2-Lane Exchange Switch
May 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com