Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4M2 Datasheet (PDF) - Renesas Technology Corp

RA4M2 Datasheet PDF - Renesas Technology Corp
Part # RA4M2
Download  RA4M2 Download
File Size   1732.0 Kbytes
Page   93 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description RA4M2 Group

RA4M2 Datasheet (PDF)

Go To PDF Page Download Datasheet
RA4M2 Datasheet PDF - Renesas Technology Corp

Part # RA4M2
Download  RA4M2 Click to download

File Size   1732.0 Kbytes
Page   93 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description RA4M2 Group

RA4M2 Datasheet (HTML) - Renesas Technology Corp


RA4M2 Product details

■ Arm Cortex -M33 Core
● Armv8-M architecture with the main extension
● Maximum operating frequency: 100 MHz
● Arm Memory Protection Unit (Arm MPU)
– Protected Memory System Architecture (PMSAv8)
– Secure MPU (MPU_S): 8 regions
– Non-secure MPU (MPU_NS): 8 regions
● SysTick timer
– Embeds two Systick timers: Secure and Non-secure instance
– Driven by LOCO or system clock
● CoreSight™ ETM-M33
■ Memory
● Up to 512-KB code flash memory
● 8-KB data flash memory (100,000 program/erase (P/E) cycles)
● 128-KB SRAM
■ Connectivity
● Serial Communications Interface (SCI) × 6
– Asynchronous interfaces
– 8-bit clock synchronous interface
– Smart card interface
– Simple IIC
– Simple SPI
– Manchester coding (SCI3, SCI4)
● I2C bus interface (IIC) × 2
● Serial Peripheral Interface (SPI)
● Quad Serial Peripheral Interface (QSPI)
● USB 2.0 Full-Speed Module (USBFS)
● Control Area Network module (CAN)
● SD/MMC Host Interface (SDHI)
● Serial Sound Interface Enhanced (SSIE)




Similar Part No. - RA4M2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RA4M2 RENESAS-RA4M2 Datasheet
1Mb / 92P
Leading-performance 100 MHz Arm Cortex-M33 core, up to 512 KB code flash memory with background operation, 8 KB Data flash memory, and 128 KB SRAM with Parity/ECC.
Jan 27, 2021
More results


Similar Description - RA4M2

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M30218 MITSUBISHI-M30218 Datasheet
4Mb / 467P
M30218 Group
M30240 MITSUBISHI-M30240 Datasheet
901Kb / 142P
M30240 Group Specification
logo
Renesas Technology Corp
R5F2L357MNFP RENESAS-R5F2L357MNFP Datasheet
877Kb / 75P
R8C/L35M Group, R8C/L36M Group, R8C/L38M Group, R8C/L3AM Group RENESAS MCU
R5F21344PJFP RENESAS-R5F21344PJFP Datasheet
542Kb / 56P
R8C/34P Group, R8C/34R Group RENESAS MCU
logo
Semtech Corporation
ACS9520PB SEMTECH-ACS9520PB Datasheet
303Kb / 4P
ADVANCED COMMS PRODUCT GROUP
logo
Renesas Technology Corp
R5F21206JFPU1 RENESAS-R5F21206JFPU1 Datasheet
432Kb / 47P
R8C/20 Group, R8C/21 Group RENESAS MCU
R5F21336TNFPV2 RENESAS-R5F21336TNFPV2 Datasheet
445Kb / 50P
R8C/33T Group
logo
Semtech Corporation
ACS9522T SEMTECH-ACS9522T Datasheet
176Kb / 4P
ADVANCED COMMS PRODUCT GROUP
logo
Shoulder Electronics Li...
HDF4803TO39 SHOULDER-HDF4803TO39 Datasheet
109Kb / 5P
Constant group delay
logo
Sharp Corporation
LM16X212 SHARP-LM16X212 Datasheet
178Kb / 5P
LIQUID CRYSTAL DISPLAY GROUP
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com