Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4M2 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # RA4M2
Description  RA4M2 Group
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4M2 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button RA4M2 Datasheet HTML 4Page - Renesas Technology Corp RA4M2 Datasheet HTML 5Page - Renesas Technology Corp RA4M2 Datasheet HTML 6Page - Renesas Technology Corp RA4M2 Datasheet HTML 7Page - Renesas Technology Corp RA4M2 Datasheet HTML 8Page - Renesas Technology Corp RA4M2 Datasheet HTML 9Page - Renesas Technology Corp RA4M2 Datasheet HTML 10Page - Renesas Technology Corp RA4M2 Datasheet HTML 11Page - Renesas Technology Corp RA4M2 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 93 page
background image
# A A 0
R 7 F A 4 M 2 A D 3 C F P
Package type
FP: LQFP 100 pins
FM: LQFP 64 pins
FL: LQFP 48 pins
NE: QFN 48 pins
Quality Grade
Operating temperature
3: -40°C to 105°C
Code flash memory size
B: 256 KB
C: 384 KB
D: 512 KB
Feature set
Group name
Series name
RA family
Flash memory
Renesas microcontroller
Packing
A: Tray
B: Tray (Full carton)
U: Tray (Full tray)
H: Tape and reel
Production identification code
Terminal material (Pb-free)
A: Sn (Tin) only
C: Others
Note:
Check the order screen for each product on the Renesas website for valid symbols after the #.
Figure 1.2
Part numbering scheme
Table 1.13
Product list (1 of 2)
Product part number
Package code
Code flash
Data
flash
SRAM
Operating
temperature
R7FA4M2AD3CFP
PLQP0100KB-B
512 KB
8 KB
128 KB
-40 to +105°C
R7FA4M2AD3CFM
PLQP0064KB-C
R7FA4M2AD3CFL
PLQP0048KB-B
R7FA4M2AD3CNE
PWQN0048KC-A
R7FA4M2AC3CFP
PLQP0100KB-B
384 KB
8 KB
128 KB
-40 to +105°C
R7FA4M2AC3CFM
PLQP0064KB-C
R7FA4M2AC3CFL
PLQP0048KB-B
R7FA4M2AC3CNE
PWQN0048KC-A
RA4M2 Datasheet
1. Overview
R01DS0367EJ0140 Rev.1.40
May 9, 2025
Page 8 of 93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com