Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4M2 Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # RA4M2
Description  RA4M2 Group
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4M2 Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button RA4M2 Datasheet HTML 41Page - Renesas Technology Corp RA4M2 Datasheet HTML 42Page - Renesas Technology Corp RA4M2 Datasheet HTML 43Page - Renesas Technology Corp RA4M2 Datasheet HTML 44Page - Renesas Technology Corp RA4M2 Datasheet HTML 45Page - Renesas Technology Corp RA4M2 Datasheet HTML 46Page - Renesas Technology Corp RA4M2 Datasheet HTML 47Page - Renesas Technology Corp RA4M2 Datasheet HTML 48Page - Renesas Technology Corp RA4M2 Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 93 page
background image
Note:
tPBcyc: PCLKB cycle.
Note 1. tcac: CAC count clock source cycle.
2.3.8
SCI Timing
Table 2.24
SCI timing (1)
Conditions: High drive output is selected in the Port Drive Capability bit in the PmnPFS register.
Parameter
Symbol Min
Max Unit Test conditions
SCI Input clock cycle
Asynchronous
tScyc
4
—
tPcyc Figure 2.26
Clock synchronous
6
—
Input clock pulse width
tSCKW
0.4
0.6
tScyc
Input clock rise time
tSCKr
—
5
ns
Input clock fall time
tSCKf
—
5
ns
Output clock cycle
Asynchronous
tScyc
6 (other than SCI1,
SCI2)
8 (SCI1, SCI2)
—
tPcyc
Clock synchronous
4
—
Output clock pulse width
tSCKW
0.4
0.6
tScyc
Output clock rise time
tSCKr
—
5
ns
Output clock fall time
tSCKf
—
5
ns
Transmit data delay
Clock synchronous master mode (internal
clock)
tTXD
—
5
ns
Figure 2.27
Clock synchronous slave mode (external
clock)
tTXD
—
25
ns
Receive data setup time Clock synchronous master mode (internal
clock)
tRXS
15
—
ns
Clock synchronous slave mode (external
clock)
tRXS
5
—
ns
Receive data hold time
Clock synchronous
tRXH
5
—
ns
Note:
tPcyc: PCLKA cycle.
tSCKW
tSCKr
tSCKf
tScyc
SCKn
Note:
n = 0 to 4, 9
Figure 2.26
SCK clock input/output timing
RA4M2 Datasheet
2. Electrical Characteristics
R01DS0367EJ0140 Rev.1.40
May 9, 2025
Page 45 of 93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com