Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4M2 Datasheet(PDF) 58 Page - Renesas Technology Corp

Part # RA4M2
Description  RA4M2 Group
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4M2 Datasheet(HTML) 58 Page - Renesas Technology Corp

Back Button RA4M2 Datasheet HTML 54Page - Renesas Technology Corp RA4M2 Datasheet HTML 55Page - Renesas Technology Corp RA4M2 Datasheet HTML 56Page - Renesas Technology Corp RA4M2 Datasheet HTML 57Page - Renesas Technology Corp RA4M2 Datasheet HTML 58Page - Renesas Technology Corp RA4M2 Datasheet HTML 59Page - Renesas Technology Corp RA4M2 Datasheet HTML 60Page - Renesas Technology Corp RA4M2 Datasheet HTML 61Page - Renesas Technology Corp RA4M2 Datasheet HTML 62Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 93 page
background image
Table 2.29
IIC timing (1) (2 of 2)
(1) Conditions: Middle drive output is selected in the Port Drive Capability bit in the PmnPFS register for the following pins: SDA0_B,
SCL0_B, SDA1_B, SCL1_B.
(2) The following pins do not require setting: SCL0_A, SDA0_A.
(3) Use pins that have a letter appended to their names, for instance “_A” or “_B”, to indicate group membership. For the IIC interface, the
AC portion of the electrical characteristics is measured for each group.
Parameter
Symbol
Min
Max
Unit
Test
conditions
IIC
(Fast mode)
SCL input cycle time
tSCL
6 (12) × tIICcyc + 600
—
ns
Figure 2.43
SCL input high pulse width
tSCLH
3 (6) × tIICcyc + 300
—
ns
SCL input low pulse width
tSCLL
3 (6) × tIICcyc + 300
—
ns
SCL, SDA rise time
tSr
20 × (external pullup
voltage/5.5V)*1
300
ns
SCL, SDA fall time
tSf
20 × (external pullup
voltage/5.5V)*1
300
ns
SCL, SDA input spike pulse
removal time
tSP
0
1 (4) × tIICcyc ns
SDA input bus free time when
wakeup function is disabled
tBUF
3 (6) × tIICcyc + 300
—
ns
SDA input bus free time when
wakeup function is enabled
tBUF
3 (6) × tIICcyc + 4 × tPcyc +
300
—
ns
START condition input hold time
when wakeup function is disabled
tSTAH
tIICcyc + 300
—
ns
START condition input hold time
when wakeup function is enabled
tSTAH
1 (5) × tIICcyc + tPcyc + 300
—
ns
Repeated START condition input
setup time
tSTAS
300
—
ns
STOP condition input setup time
tSTOS
300
—
ns
Data input setup time
tSDAS
tIICcyc + 50
—
ns
Data input hold time
tSDAH
0
—
ns
SCL, SDA capacitive load
Cb*2
—
400
pF
Note:
tIICcyc: IIC internal reference clock (IICφ) cycle, tPcyc: PCLKB cycle.
Note:
Values in parentheses apply when ICMR3.NF[1:0] is set to 11b while the digital filter is enabled with ICFER.NFE set to 1.
Note:
Must use pins that have a letter appended to their name, for instance “_A”, “_B”, to indicate group membership. For the IIC
interface, the AC portion of the electrical characteristics is measured for each group.
Note 1. Only supported for SCL0_A and SDA0_A.
Note 2. Cb indicates the total capacity of the bus line.
RA4M2 Datasheet
2. Electrical Characteristics
R01DS0367EJ0140 Rev.1.40
May 9, 2025
Page 58 of 93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com