Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4M2 Datasheet(PDF) 62 Page - Renesas Technology Corp

Part # RA4M2
Description  RA4M2 Group
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4M2 Datasheet(HTML) 62 Page - Renesas Technology Corp

Back Button RA4M2 Datasheet HTML 58Page - Renesas Technology Corp RA4M2 Datasheet HTML 59Page - Renesas Technology Corp RA4M2 Datasheet HTML 60Page - Renesas Technology Corp RA4M2 Datasheet HTML 61Page - Renesas Technology Corp RA4M2 Datasheet HTML 62Page - Renesas Technology Corp RA4M2 Datasheet HTML 63Page - Renesas Technology Corp RA4M2 Datasheet HTML 64Page - Renesas Technology Corp RA4M2 Datasheet HTML 65Page - Renesas Technology Corp RA4M2 Datasheet HTML 66Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 93 page
background image
tSR
tHR
tDTR
SSIBCK0
(Input or Output)
SSILRCK0/SSIFS0 (input),
SSIRXD0 (input)
SSILRCK0/SSIFS0 (output),
SSITXD0 (output)
Figure 2.47
SSIE data transmit and receive timing when SSICR.BCKP = 1
tDTRW
SSILRCK0/SSIFS0 (input)
SSITXD0 (output)
MSB bit output delay after SSILRCK0/SSIFS0 change for slave
transmitter when DEL = 1, SDTA = 0 or DEL = 1, SDTA = 1, SWL[2:0] = DWL[2:0] in SSICR.
Figure 2.48
SSIE data output delay after SSILRCK0/SSIFS0 change
2.3.13
SD/MMC Host Interface Timing (m = 0 to 3)
Table 2.32
SD/MMC Host Interface signal timing
Conditions: High drive output is selected in the Port Drive Capability bit in the PmnPFS register.
Clock duty ratio is 50%.
Parameter
Symbol
Min
Max
Unit
Test conditions
SD0CLK clock cycle
TSDCYC
20
—
ns
Figure 2.49
SD0CLK clock high pulse width
TSDWH
6.5
—
ns
SD0CLK clock low pulse width
TSDWL
6.5
—
ns
SD0CLK clock rise time
TSDLH
—
3
ns
SD0CLK clock fall time
TSDHL
—
3
ns
SD0CMD/SD0DATm output data delay
TSDODLY
–7
4
ns
SD0CMD/SD0DATm input data setup
TSDIS
4.5
—
ns
SD0CMD/SD0DATm input data hold
TSDIH
1.5
—
ns
RA4M2 Datasheet
2. Electrical Characteristics
R01DS0367EJ0140 Rev.1.40
May 9, 2025
Page 62 of 93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com