Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4M2 Datasheet(PDF) 89 Page - Renesas Technology Corp

Part # RA4M2
Description  RA4M2 Group
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4M2 Datasheet(HTML) 89 Page - Renesas Technology Corp

Back Button RA4M2 Datasheet HTML 85Page - Renesas Technology Corp RA4M2 Datasheet HTML 86Page - Renesas Technology Corp RA4M2 Datasheet HTML 87Page - Renesas Technology Corp RA4M2 Datasheet HTML 88Page - Renesas Technology Corp RA4M2 Datasheet HTML 89Page - Renesas Technology Corp RA4M2 Datasheet HTML 90Page - Renesas Technology Corp RA4M2 Datasheet HTML 91Page - Renesas Technology Corp RA4M2 Datasheet HTML 92Page - Renesas Technology Corp RA4M2 Datasheet HTML 93Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 89 / 93 page
background image
3.2
Access Cycles
This section provides access cycle information for the I/O registers described in this manual.
● Registers are grouped by associated module.
● The number of access cycles indicates the number of cycles based on the specified reference clock.
● In the internal I/O area, reserved addresses that are not allocated to registers must not be accessed, otherwise operations
cannot be guaranteed.
● The number of I/O access cycles depends on bus cycles of the internal peripheral bus, divided clock synchronization
cycles, and wait cycles of each module. Divided clock synchronization cycles differ depending on the frequency ratio
between ICLK and PCLK.
● When the frequency of ICLK is equal to that of PCLK, the number of divided clock synchronization cycles is always
constant.
● When the frequency of ICLK is greater than that of PCLK, at least 1 PCLK cycle is added to the number of divided
clock synchronization cycles.
● The number of write access cycles indicates the number of cycles obtained by non-bufferable write access.
Note:
This applies to the number of cycles when access from the CPU does not conflict with the instruction fetching to the
external memory or bus access from other bus masters such as DTC or DMAC.
Table A3.2
Access cycles (1 of 3)
Peripherals
Address
Number of access cycles
ICLK = PCLK
ICLK > PCLK*1
Cycle
Unit
Related function
From
To
Read
Write
Read
Write
RMPU, TZF,
SRAM, BUS,
DMACn, DMA,
DTC, ICU
0x4000_0000
0x4000_6FFF
2
2
2
2
ICLK
Renesas Memory
Protection Unit,
TrustZone Filter,
SRAM Control,
BUS Control, Direct
memory access
controller n, DMAC
Module Activation,
DTC Control Register,
Interrupt Controller
CPSCU, DBG,
FCACHE
0x4000_8000
0x4001_CFFF
4
3
4
3
ICLK
CPU System Security
Control Unit, Debug
Function, Flash Cache
SYSC
0x4001_E000
0x4001_E3FF
5
4
5
4
ICLK
System Control
SYSC
0x4001_E400
0x4001_E5FF
9
8
5 to 8
5 to 8
PCLKB
System Control
PORTn, PFS
0x4008_0000
0x4008_0FFF
5
4
2 to 5
2 to 4
PCLKB
Port n Control
Registers, Pmn Pin
Function Control
Register
ELC, RTC, IWDT,
WDT, CAC
0x4008_2000
0x4008_3FFF
5
4
3 to 5
2 to 4
PCLKB
Event Link
Controller, Realtime
Clock, Independent
Watchdog Timer,
Watchdog
Timer, Clock
Frequency Accuracy
Measurement Circuit
MSTP
0x4008_4000
0x4008_4FFF
5
4
2 to 5
2 to 4
PCLKB
Module Stop Control
POEG
0x4008_A000
0x4008_AFFF
5
4
3 to 5
2 to 4
PCLKB
Port Output Enable
Module for GPT
USBFS
0x4009_0000
0x4009_03FF
6
5
3 to 6
3 to 5
PCLKB
USB 2.0 FS Module
USBFS
0x4009_0400
0x4009_04FF
4
3
1 to 4
1 to 3
PCLKB
USB 2.0 FS Module
RA4M2 Datasheet
Appendix 3. I/O Registers
R01DS0367EJ0140 Rev.1.40
May 9, 2025
Page 89 of 93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com