Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4M2 Datasheet(PDF) 66 Page - Renesas Technology Corp

Part # RA4M2
Description  RA4M2 Group
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4M2 Datasheet(HTML) 66 Page - Renesas Technology Corp

Back Button RA4M2 Datasheet HTML 62Page - Renesas Technology Corp RA4M2 Datasheet HTML 63Page - Renesas Technology Corp RA4M2 Datasheet HTML 64Page - Renesas Technology Corp RA4M2 Datasheet HTML 65Page - Renesas Technology Corp RA4M2 Datasheet HTML 66Page - Renesas Technology Corp RA4M2 Datasheet HTML 67Page - Renesas Technology Corp RA4M2 Datasheet HTML 68Page - Renesas Technology Corp RA4M2 Datasheet HTML 69Page - Renesas Technology Corp RA4M2 Datasheet HTML 70Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 93 page
background image
Table 2.36
A/D conversion characteristics for unit 0 (2 of 2)
Conditions: PCLKC = 1 to 50 MHz
Parameter
Min
Typ Max Unit Test conditions
High-precision normal-speed
channels
(AN003 to AN008, AN011 to
AN013)
Conversion time*1
(Operation at PCLKC =
50 MHz)
Permissible signal
source impedance
Max. = 1 kΩ
0.92 (0.66)*2 —
—
μs
Sampling in 33
states
Offset error
—
±1.0 ±2.5 LSB —
Full-scale error
—
±1.0 ±2.5 LSB —
Absolute accuracy
—
±2.0 ±4.5 LSB —
DNL differential nonlinearity error
—
±0.5 ±1.5 LSB —
INL integral nonlinearity error
—
±1.0 ±2.5 LSB —
Normal-precision normal-speed
channels (AN016)
Conversion time*1
(Operation at PCLKC =
50 MHz)
Permissible signal
source impedance
Max. = 1 kΩ
0.92 (0.66)*2 —
—
μs
Sampling in 33
states
Offset error
—
±1.0 ±5.5 LSB —
Full-scale error
—
±1.0 ±5.5 LSB —
Absolute accuracy
—
±2.0 ±7.5 LSB —
DNL differential nonlinearity error
—
±0.5 ±4.5 LSB —
INL integral nonlinearity error
—
±1.0 ±5.5 LSB —
Note:
These specification values apply when there is no access to the external memory during A/D conversion. If access occurs during
A/D conversion, values might not fall within the indicated ranges.
The use of PORT0 as digital outputs is not allowed when the 12-Bit A/D converter is used.
The characteristics apply when AVCC0, AVSS0, VREFH0, VREFL0, and 12-bit A/D converter input voltage are stable.
Note 1. The conversion time includes the sampling and comparison times. The number of sampling states is indicated for the test
conditions.
Note 2. Values in parentheses indicate the sampling time.
Table 2.37
A/D internal reference voltage characteristics
Parameter
Min
Typ
Max
Unit
Test conditions
A/D internal reference voltage
1.13
1.18
1.23
V
—
Sampling time
4.15
—
—
µs
—
RA4M2 Datasheet
2. Electrical Characteristics
R01DS0367EJ0140 Rev.1.40
May 9, 2025
Page 66 of 93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com