Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4M2 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # RA4M2
Description  RA4M2 Group
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4M2 Datasheet(HTML) 1 Page - Renesas Technology Corp

  RA4M2 Datasheet HTML 1Page - Renesas Technology Corp RA4M2 Datasheet HTML 2Page - Renesas Technology Corp RA4M2 Datasheet HTML 3Page - Renesas Technology Corp RA4M2 Datasheet HTML 4Page - Renesas Technology Corp RA4M2 Datasheet HTML 5Page - Renesas Technology Corp RA4M2 Datasheet HTML 6Page - Renesas Technology Corp RA4M2 Datasheet HTML 7Page - Renesas Technology Corp RA4M2 Datasheet HTML 8Page - Renesas Technology Corp RA4M2 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 93 page
background image
RA4M2 Group
Renesas Microcontrollers
Leading-performance 100 MHz Arm Cortex-M33 core, up to 512 KB code flash memory with background operation, 8
KB Data flash memory, and 128 KB SRAM with Parity/ECC. High-integration with USB 2.0 Full-Speed, SDHI, Quad SPI,
and advanced analog. Integrated Secure Crypto Engine with cryptography accelerators, key management support, tamper
detection and power analysis resistance in concert with Arm TrustZone for integrated secure element functionality.
Features
R01DS0367EJ0140
Rev.1.40
May 9, 2025
■ Arm® Cortex®-M33 Core
● Armv8-M architecture with the main extension
● Maximum operating frequency: 100 MHz
● Arm Memory Protection Unit (Arm MPU)
– Protected Memory System Architecture (PMSAv8)
– Secure MPU (MPU_S): 8 regions
– Non-secure MPU (MPU_NS): 8 regions
● SysTick timer
– Embeds two Systick timers: Secure and Non-secure instance
– Driven by LOCO or system clock
● CoreSight™ ETM-M33
■ Memory
● Up to 512-KB code flash memory
● 8-KB data flash memory (100,000 program/erase (P/E) cycles)
● 128-KB SRAM
■ Connectivity
● Serial Communications Interface (SCI) × 6
– Asynchronous interfaces
– 8-bit clock synchronous interface
– Smart card interface
– Simple IIC
– Simple SPI
– Manchester coding (SCI3, SCI4)
● I2C bus interface (IIC) × 2
● Serial Peripheral Interface (SPI)
● Quad Serial Peripheral Interface (QSPI)
● USB 2.0 Full-Speed Module (USBFS)
● Control Area Network module (CAN)
● SD/MMC Host Interface (SDHI)
● Serial Sound Interface Enhanced (SSIE)
■ Analog
● 12-bit A/D Converter (ADC12)
● 12-bit D/A Converter (DAC12) × 2
● Temperature Sensor (TSN)
■ Timers
● General PWM Timer 32-bit (GPT32) × 4
● General PWM Timer 16-bit (GPT16) × 4
● Low Power Asynchronous General Purpose Timer (AGT) × 6
■ Security and Encryption
● Secure Crypto Engine 9
– Symmetric algorithms: AES
– Asymmetric algorithms: RSA, ECC, and DSA
– Hash-value generation: SHA224, SHA256, GHASH
– 128-bit unique ID
● Arm® TrustZone®
– Up to three regions for the code flash
– Up to two regions for the data flash
– Up to three regions for the SRAM
– Individual secure or non-secure security attribution for each
peripheral
● Device lifecycle management
● Pin function
– Up to three tamper pins
– Secure pin multiplexing
■ System and Power Management
● Low power modes
● Battery backup function (VBATT)
● Realtime Clock (RTC) with calendar and VBATT support
● Event Link Controller (ELC)
● Data Transfer Controller (DTC)
● DMA Controller (DMAC) × 8
● Power-on reset
● Low Voltage Detection (LVD) with voltage settings
● Watchdog Timer (WDT)
● Independent Watchdog Timer (IWDT)
■ Human Machine Interface (HMI)
● Capacitive Touch Sensing Unit (CTSU)
■ Multiple Clock Sources
● Main clock oscillator (MOSC) (8 to 24 MHz)
● Sub-clock oscillator (SOSC) (32.768 kHz)
● High-speed on-chip oscillator (HOCO) (16/18/20 MHz)
● Middle-speed on-chip oscillator (MOCO) (8 MHz)
● Low-speed on-chip oscillator (LOCO) (32.768 kHz)
● IWDT-dedicated on-chip oscillator (15 kHz)
● Clock trim function for HOCO/MOCO/LOCO
● PLL/PLL2
● Clock out support
■ General-Purpose I/O Ports
● 5-V tolerance, open drain, input pull-up, switchable driving ability
■ Operating Voltage
● VCC: 2.7 to 3.6 V
■ Operating Temperature and Packages
● Ta = -40℃ to +105℃
– 100-pin LQFP (14 mm × 14 mm, 0.5 mm pitch)
– 64-pin LQFP (10 mm × 10 mm, 0.5 mm pitch)
– 48-pin LQFP (7 mm × 7 mm, 0.5 mm pitch)
– 48-pin QFN (7 mm × 7 mm, 0.5 mm pitch)
Datasheet
R01DS0367EJ0140 Rev.1.40
May 9, 2025
Page 1 of 93


Similar Part No. - RA4M2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RA4M2 RENESAS-RA4M2 Datasheet
1Mb / 92P
Leading-performance 100 MHz Arm Cortex-M33 core, up to 512 KB code flash memory with background operation, 8 KB Data flash memory, and 128 KB SRAM with Parity/ECC.
Jan 27, 2021
More results

Similar Description - RA4M2

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M30218 MITSUBISHI-M30218 Datasheet
4Mb / 467P
M30218 Group
M30240 MITSUBISHI-M30240 Datasheet
901Kb / 142P
M30240 Group Specification
logo
Renesas Technology Corp
R5F2L357MNFP RENESAS-R5F2L357MNFP Datasheet
877Kb / 75P
R8C/L35M Group, R8C/L36M Group, R8C/L38M Group, R8C/L3AM Group RENESAS MCU
R5F21344PJFP RENESAS-R5F21344PJFP Datasheet
542Kb / 56P
R8C/34P Group, R8C/34R Group RENESAS MCU
logo
Semtech Corporation
ACS9520PB SEMTECH-ACS9520PB Datasheet
303Kb / 4P
ADVANCED COMMS PRODUCT GROUP
logo
Renesas Technology Corp
R5F21206JFPU1 RENESAS-R5F21206JFPU1 Datasheet
432Kb / 47P
R8C/20 Group, R8C/21 Group RENESAS MCU
R5F21336TNFPV2 RENESAS-R5F21336TNFPV2 Datasheet
445Kb / 50P
R8C/33T Group
logo
Semtech Corporation
ACS9522T SEMTECH-ACS9522T Datasheet
176Kb / 4P
ADVANCED COMMS PRODUCT GROUP
logo
Shoulder Electronics Li...
HDF4803TO39 SHOULDER-HDF4803TO39 Datasheet
109Kb / 5P
Constant group delay
logo
Sharp Corporation
LM16X212 SHARP-LM16X212 Datasheet
178Kb / 5P
LIQUID CRYSTAL DISPLAY GROUP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com