Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4M2 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # RA4M2
Description  RA4M2 Group
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4M2 Datasheet(HTML) 5 Page - Renesas Technology Corp

  RA4M2 Datasheet HTML 1Page - Renesas Technology Corp RA4M2 Datasheet HTML 2Page - Renesas Technology Corp RA4M2 Datasheet HTML 3Page - Renesas Technology Corp RA4M2 Datasheet HTML 4Page - Renesas Technology Corp RA4M2 Datasheet HTML 5Page - Renesas Technology Corp RA4M2 Datasheet HTML 6Page - Renesas Technology Corp RA4M2 Datasheet HTML 7Page - Renesas Technology Corp RA4M2 Datasheet HTML 8Page - Renesas Technology Corp RA4M2 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 93 page
background image
Table 1.8
Communication interfaces (2 of 2)
Feature
Functional description
Serial Sound Interface Enhanced (SSIE) The Serial Sound Interface Enhanced (SSIE) peripheral provides functionality to interface with
digital audio devices for transmitting I2S/Monaural/TDM audio data over a serial bus. The SSIE
supports an audio clock frequency of up to 50 MHz, and can be operated as a slave or master
receiver, transmitter, or transceiver to suit various applications. The SSIE includes 32-stage FIFO
buffers in the receiver and transmitter, and supports interrupts and DMA-driven data reception
and transmission.
SD/MMC Host Interface (SDHI)
The SDHI and MultiMediaCard (MMC) interface module provides the functionality required to
connect a variety of external memory cards to the MCU. The SDHI supports both 1- and
4-bit buses for connecting memory cards that support SD, SDHC, and SDXC formats. When
developing host devices that are compliant with the SD Specifications, you must comply with the
SD Host/Ancillary Product License Agreement (SD HALA). The MMC interface supports 1-bit,
and 4-bit MMC buses that provide eMMC 4.51 (JEDEC Standard JESD 84-B451) device access.
This interface also provides backward compatibility and supports high-speed SDR transfer
modes.
Table 1.9
Analog
Feature
Functional description
12-bit A/D Converter (ADC12)
A 12-bit successive approximation A/D converter (ADC12) is provided. Analog input channels
are selectable up to 22. The temperature sensor output and an internal reference voltage are
selectable for conversion.
12-bit D/A Converter (DAC12)
A 12-bit D/A converter (DAC12) is provided.
Temperature Sensor (TSN)
The on-chip Temperature Sensor (TSN) determines and monitors the die temperature for
reliable operation of the device. The sensor outputs a voltage directly proportional to the die
temperature, and the relationship between the die temperature and the output voltage is fairly
linear. The output voltage is provided to the ADC12 for conversion and can be further used by
the end application.
Table 1.10
Human machine interfaces
Feature
Functional description
Capacitive Touch Sensing Unit (CTSU)
The Capacitive Touch Sensing Unit (CTSU) measures the electrostatic capacitance of the touch
sensor. Changes in the electrostatic capacitance are determined by software that enables the
CTSU to detect whether a finger is in contact with the touch sensor. The electrode surface of the
touch sensor is usually enclosed with an electrical conductor so that a finger does not come into
direct contact with the electrode.
Table 1.11
Data processing
Feature
Functional description
Cyclic Redundancy Check (CRC)
calculator
The Cyclic Redundancy Check (CRC) generates CRC codes to detect errors in the data. The
bit order of CRC calculation results can be switched for LSB-first or MSB-first communication.
Additionally, various CRC-generation polynomials are available.
Data Operation Circuit (DOC)
The Data Operation Circuit (DOC) compares, adds, and subtracts 16-bit data. When a selected
condition applies, 16-bit data is compared and an interrupt can be generated.
RA4M2 Datasheet
1. Overview
R01DS0367EJ0140 Rev.1.40
May 9, 2025
Page 5 of 93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com