Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4M2 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # RA4M2
Description  RA4M2 Group
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4M2 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button RA4M2 Datasheet HTML 8Page - Renesas Technology Corp RA4M2 Datasheet HTML 9Page - Renesas Technology Corp RA4M2 Datasheet HTML 10Page - Renesas Technology Corp RA4M2 Datasheet HTML 11Page - Renesas Technology Corp RA4M2 Datasheet HTML 12Page - Renesas Technology Corp RA4M2 Datasheet HTML 13Page - Renesas Technology Corp RA4M2 Datasheet HTML 14Page - Renesas Technology Corp RA4M2 Datasheet HTML 15Page - Renesas Technology Corp RA4M2 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 93 page
background image
1.5
Pin Functions
Table 1.15
Pin functions (1 of 4)
Function
Signal
I/O
Description
Power supply
VCC
Input
Power supply pin. Connect it to the system power supply. Connect
this pin to VSS by a 0.1-µF capacitor. The capacitor should be
placed close to the pin.
VCL
I/O
Connect this pin to the VSS pin by the smoothing capacitor used to
stabilize the internal power supply. Place the capacitor close to the
pin.
VBATT
Input
Battery Backup power pin
VSS
Input
Ground pin. Connect it to the system power supply (0 V).
Clock
XTAL
Output
Pins for a crystal resonator. An external clock signal can be input
through the EXTAL pin.
EXTAL
Input
XCIN
Input
Input/output pins for the sub-clock oscillator. Connect a crystal
resonator between XCOUT and XCIN.
XCOUT
Output
CLKOUT
Output
Clock output pin
Operating mode control
MD
Input
Pin for setting the operating mode. The signal level on this pin must
not be changed during operation mode transition on release from
the reset state.
System control
RES
Input
Reset signal input pin. The MCU enters the reset state when this
signal goes low.
CAC
CACREF
Input
Measurement reference clock input pin
On-chip emulator
TMS
Input
On-chip emulator or boundary scan pins
TDI
Input
TCK
Input
TDO
Output
TCLK
Output
Output clock for synchronization with the trace data
TDATA0 to TDATA3
Output
Trace data output
SWO
Output
Serial wire trace output pin
SWDIO
I/O
Serial wire debug data input/output pin
SWCLK
Input
Serial wire clock pin
Interrupt
NMI
Input
Non-maskable interrupt request pin
IRQn
Input
Maskable interrupt request pins
IRQn-DS
Input
Maskable interrupt request pins that can also be used in Deep
Software Standby mode
RA4M2 Datasheet
1. Overview
R01DS0367EJ0140 Rev.1.40
May 9, 2025
Page 12 of 93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com