Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4M2 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # RA4M2
Description  RA4M2 Group
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4M2 Datasheet(HTML) 4 Page - Renesas Technology Corp

  RA4M2 Datasheet HTML 1Page - Renesas Technology Corp RA4M2 Datasheet HTML 2Page - Renesas Technology Corp RA4M2 Datasheet HTML 3Page - Renesas Technology Corp RA4M2 Datasheet HTML 4Page - Renesas Technology Corp RA4M2 Datasheet HTML 5Page - Renesas Technology Corp RA4M2 Datasheet HTML 6Page - Renesas Technology Corp RA4M2 Datasheet HTML 7Page - Renesas Technology Corp RA4M2 Datasheet HTML 8Page - Renesas Technology Corp RA4M2 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 93 page
background image
Table 1.7
Timers (2 of 2)
Feature
Functional description
Low Power Asynchronous General
Purpose Timer (AGT)
The Low Power Asynchronous General Purpose Timer (AGT) is a 16-bit timer that can be used
for pulse output, external pulse width or period measurement, and counting external events. This
timer consists of a reload register and a down counter. The reload register and the down counter
are allocated to the same address, and can be accessed with the AGT register.
Realtime Clock (RTC)
For calendar count mode, the RTC has a 100-year calendar from 2000 to 2099 and
automatically adjusts dates for leap years. For binary count mode, the RTC counts seconds
and retains the information as a serial value. Binary count mode can be used for calendars other
than the Gregorian (Western) calendar.
Watchdog Timer (WDT)
The Watchdog Timer (WDT) is a 14-bit down counter that can be used to reset the MCU when
the counter underflows because the system has run out of control and is unable to refresh the
WDT. In addition, the WDT can be used to generate a non-maskable interrupt or an underflow
interrupt.
Independent Watchdog Timer (IWDT)
The Independent Watchdog Timer (IWDT) consists of a 14-bit down counter that must be
serviced periodically to prevent counter underflow. The IWDT provides functionality to reset
the MCU or to generate a non-maskable interrupt or an underflow interrupt. Because the timer
operates with an independent, dedicated clock source, it is particularly useful in returning the
MCU to a known state as a fail-safe mechanism when the system runs out of control. The IWDT
can be triggered automatically by a reset, underflow, refresh error, or a refresh of the count value
in the registers.
Table 1.8
Communication interfaces (1 of 2)
Feature
Functional description
Serial Communications Interface (SCI)
The Serial Communications Interface (SCI) × 6 channels have asynchronous and synchronous
serial interfaces:
● Asynchronous interfaces (UART and Asynchronous Communications Interface Adapter
(ACIA))
● 8-bit clock synchronous interface
● Simple IIC (master-only)
● Simple SPI
● Smart card interface
● Manchester interface
● Extended Serial interface
The smart card interface complies with the ISO/IEC 7816-3 standard for electronic signals and
transmission protocol. SCIn (n = 0, 3, 4, 9) has FIFO buffers to enable continuous and full-duplex
communication, and the data transfer speed can be configured independently using an on-chip
baud rate generator.
I2C bus interface (IIC)
The I2C bus interface (IIC) has 2 channels. The IIC module conforms with and provides a subset
of the NXP I2C (Inter-Integrated Circuit) bus interface functions.
Serial Peripheral Interface (SPI)
The Serial Peripheral Interface (SPI) has 1 channel. The SPI provides high-speed full-duplex
synchronous serial communications with multiple processors and peripheral devices.
Control Area Network (CAN)
The Controller Area Network (CAN) module uses a message-based protocol to receive and
transmit data between multiple slaves and masters in electromagnetically noisy applications. The
module complies with the ISO 11898-1 (CAN 2.0A/CAN 2.0B) standard and supports up to 32
mailboxes, which can be configured for transmission or reception in normal mailbox and FIFO
modes. Both standard (11-bit) and extended (29-bit) messaging formats are supported. The CAN
module requires an additional external CAN transceiver.
USB 2.0 Full-Speed module (USBFS)
The USB 2.0 Full-Speed module (USBFS) can operate as a host controller or device controller.
The module supports full-speed and low-speed (host controller only) transfer as defined in
Universal Serial Bus Specification 2.0. The module has an internal USB transceiver and supports
all of the transfer types defined in Universal Serial Bus Specification 2.0. The USB has buffer
memory for data transfer, providing a maximum of 10 pipes. Pipes 1 to 9 can be assigned any
endpoint number based on the peripheral devices used for communication or based on your
system.
Quad Serial Peripheral Interface (QSPI) The Quad Serial Peripheral Interface (QSPI) is a memory controller for connecting a serial ROM
(nonvolatile memory such as a serial flash memory, serial EEPROM, or serial FeRAM) that has
an SPI-compatible interface.
RA4M2 Datasheet
1. Overview
R01DS0367EJ0140 Rev.1.40
May 9, 2025
Page 4 of 93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com