Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4M2 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # RA4M2
Description  RA4M2 Group
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4M2 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button RA4M2 Datasheet HTML 24Page - Renesas Technology Corp RA4M2 Datasheet HTML 25Page - Renesas Technology Corp RA4M2 Datasheet HTML 26Page - Renesas Technology Corp RA4M2 Datasheet HTML 27Page - Renesas Technology Corp RA4M2 Datasheet HTML 28Page - Renesas Technology Corp RA4M2 Datasheet HTML 29Page - Renesas Technology Corp RA4M2 Datasheet HTML 30Page - Renesas Technology Corp RA4M2 Datasheet HTML 31Page - Renesas Technology Corp RA4M2 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 93 page
background image
Table 2.8
Coremark and normal mode current
Parameter
Symbol
Typ
Unit
Test conditions
Supply Current*1
Coremark*2 *3 *4
ICC
81
µA/MHz
ICLK = 100 MHz
PCLKA
= PCLKB
= PCLKC
= PCLKD
= FCLK
= 1.56 MHz
Normal mode
All peripheral
clocks disabled,
cache on,
while (1) code
executing from
flash*2 *3 *4
60
All peripheral
clocks disabled,
cache off,
while (1) code
executing from
flash*2 *3 *4
118
Note 1. Supply current values are with all output pins unloaded and all input pull-up MOSs in the off state.
Note 2. Supply of the clock signal to peripherals is stopped in this state. This does not include the BGO operation.
Note 3. PLL output frequency = 100MHz.
Note 4. PLL2-LDO disabled.
Under development Preliminary document
 
Specifications in this document are tentative and subject to change
 
RA4M2 Series
59. Electrical Characteristics 
xx xx, 2019 
RA4M2 Target Spec 
Page  9 
of 2123 
Figure 47.2 Temperature dependency in Software Standby mode (reference data)
Figure 47.3 Temperature dependency in Deep Software Standby mode, power supplied to standby
SRAM and USB resume detecting unit (reference data)
1
10
100
1000
-40
-20
0
20406080
100
Ta (℃)
Average value of the tested middle samples during product evaluation.
Average value of the tested upper-limit samples during product evaluation.
0.1
1.0
10.0
100.0
-40
-20
0
20406080
100
Ta (℃)
Average value of the tested middle samples during product evaluation.
Average value of the tested upper-limit samples during product evaluation.
Figure 2.2
Temperature dependency in Software Standby mode (reference data)
RA4M2 Datasheet
2. Electrical Characteristics
R01DS0367EJ0140 Rev.1.40
May 9, 2025
Page 28 of 93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com