Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4M2 Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # RA4M2
Description  RA4M2 Group
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4M2 Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button RA4M2 Datasheet HTML 23Page - Renesas Technology Corp RA4M2 Datasheet HTML 24Page - Renesas Technology Corp RA4M2 Datasheet HTML 25Page - Renesas Technology Corp RA4M2 Datasheet HTML 26Page - Renesas Technology Corp RA4M2 Datasheet HTML 27Page - Renesas Technology Corp RA4M2 Datasheet HTML 28Page - Renesas Technology Corp RA4M2 Datasheet HTML 29Page - Renesas Technology Corp RA4M2 Datasheet HTML 30Page - Renesas Technology Corp RA4M2 Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 93 page
background image
Table 2.7
Operating and standby current (2 of 2)
Parameter
Symbol
Min Typ
Max
Unit
Test
conditions
Analog
power
supply
current
During 12-bit A/D conversion
AICC
—
0.8
1.1
mA
—
Temperature sensor
—
0.1
0.2
mA
—
During D/A conversion (per unit)
Without AMP output
—
0.1
0.2
mA
—
With AMP output
—
0.6
1.1
mA
—
Waiting for A/D, D/A conversion (all units)
—
0.5
1.0
mA
—
ADC12, DAC12 in standby modes (all units)*9
—
0.4
4.0
µA
—
Reference
power
supply
current
(VREFH0)
During 12-bit A/D conversion (unit 0)
AIREFH0
—
70
120
µA
—
Waiting for 12-bit A/D conversion (unit 0)
—
0.07
0.5
µA
—
ADC12 in standby modes (unit 0)
—
0.07
0.5
µA
—
Reference
power
supply
current
(VREFH)
During D/A conversion (per unit)
Without AMP output AIREFH
—
0.1
0.4
mA
—
With AMP ouput
—
0.1
0.4
mA
—
Waiting for D/A (all units) conversion
—
0.07
0.8
µA
—
USB
operating
current
Low speed
USB
ICCUSBLS
—
3.5
6.5
mA
VCC_USB
Full speed
USB
ICCUSBFS
—
4.0
10.0
mA
VCC_USB
LDO operating current (1 unit)*15
ICCLDO
—
0.18
—
mA
—
PLL2-LDO operating current
ICCPLL2LDO —
0.21
—
mA
—
Note 1. Supply current values are with all output pins unloaded and all input pull-up MOSs in the off state.
Note 2. Measured with clocks supplied to the peripheral functions. This does not include the BGO operation.
Note 3. ICC depends on f (ICLK) as follows.
ICC Max. = 0.53 × f + 12 (max. operation in high-speed mode)
ICC Typ. = 0.05 × f + 1.85 (normal operation in high-speed mode, all peripheral clocks disabled)
ICC Typ. = 0.12 × f + 0.69 (low-speed mode)
ICC Max. = 0.13 × f + 12 (sleep mode)
Note 4. This does not include the BGO operation.
Note 5. Supply of the clock signal to peripherals is stopped in this state. This does not include the BGO operation.
Note 6. FCLK, PCLKA, PCLKB, PCLKC, and PCLKD are set to divided by 64 (1.563 MHz).
Note 7. FCLK, PCLKA, PCLKB, PCLKC, and PCLKD are set to divided by 64 (3.125 MHz).
Note 8. Reference value
Note 9. When the MCU is in Software Standby mode or the MSTPCRD.MSTPD16 (12-Bit A/D Converter 0 Module Stop bit) and
MSTPCRD.MSTPD20 (12-bit D/A converter module stop bit) are in the module-stop state.
Note 10. FCLK, PCLKA, PCLKB, PCLKC, and PCLKD are set to divided by 64 (15.6 kHz).
Note 11. PCLKA, PCLKB, PCLKC, and PCLKD are set to divided by 64 (512 Hz). FCLK is the same frequency as that of ICLK.
Note 12. PLL output frequency = 100MHz.
Note 13. PLL output frequency = 200MHz.
Note 14. PLL2-LDO disabled.
Note 15. n = 0, 1
RA4M2 Datasheet
2. Electrical Characteristics
R01DS0367EJ0140 Rev.1.40
May 9, 2025
Page 27 of 93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com