Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4M2 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # RA4M2
Description  RA4M2 Group
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4M2 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button RA4M2 Datasheet HTML 19Page - Renesas Technology Corp RA4M2 Datasheet HTML 20Page - Renesas Technology Corp RA4M2 Datasheet HTML 21Page - Renesas Technology Corp RA4M2 Datasheet HTML 22Page - Renesas Technology Corp RA4M2 Datasheet HTML 23Page - Renesas Technology Corp RA4M2 Datasheet HTML 24Page - Renesas Technology Corp RA4M2 Datasheet HTML 25Page - Renesas Technology Corp RA4M2 Datasheet HTML 26Page - Renesas Technology Corp RA4M2 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 93 page
background image
Table 2.4
I/O VIH, VIL (2 of 2)
Parameter
Symbol Min
Typ Max
Unit
Schmitt trigger
input voltage
Peripheral
function pin
IIC (except for SMBus)
VIH
VCC ×
0.7
—
VCC + 3.6
(max 5.8)
V
VIL
—
—
VCC × 0.3
ΔVT
VCC ×
0.05
—
—
5 V-tolerant ports*1 *5
VIH
VCC ×
0.8
—
VCC + 3.6
(max 5.8)
VIL
—
—
VCC × 0.2
ΔVT
VCC ×
0.05
—
—
RTCIC0,
RTCIC1,
RTCIC2
When using the
Battery Backup
Function
When VBATT
power supply is
selected
VIH
VBATT ×
0.8
—
VBATT + 0.3
VIL
—
—
VBATT × 0.2
ΔVT
VBATT ×
0.05
—
—
When VCC
power supply is
selected
VIH
VCC ×
0.8
—
Higher
voltage
either
VCC + 0.3 V
or
VBATT + 0.3
V
VIL
—
—
VCC × 0.2
ΔVT
VCC ×
0.05
—
—
When not using the Battery Backup
Function
VIH
VCC ×
0.8
—
VCC + 0.3
VIL
—
—
VCC × 0.2
ΔVT
VCC ×
0.05
—
—
Other input pins*2
VIH
VCC ×
0.8
—
—
VIL
—
—
VCC × 0.2
ΔVT
VCC ×
0.05
—
—
Ports
5 V-tolerant ports*3 *5
VIH
VCC ×
0.8
—
VCC + 3.6
(max 5.8)
V
VIL
—
—
VCC × 0.2
Other input pins*4
VIH
VCC ×
0.8
—
—
VIL
—
—
VCC × 0.2
Note 1. RES and peripheral function pins associated with Ports P205, P206, P400, P401, P407 to P415, and P708 (total 15 pins).
Note 2. All input pins except for the peripheral function pins already described in the table.
Note 3. Ports P205, P206, P400, P401, P407 to P415, and P708 (total 14 pins).
Note 4. All input pins except for the ports already described in the table.
Note 5. When VCC is less than 2.7 V, the input voltage of 5 V-tolerant ports should be less than 3.6 V, otherwise breakdown may occur
because 5 V-tolerant ports are electrically controlled so as not to violate the break down voltage.
RA4M2 Datasheet
2. Electrical Characteristics
R01DS0367EJ0140 Rev.1.40
May 9, 2025
Page 23 of 93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com