Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4M2 Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # RA4M2
Description  RA4M2 Group
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4M2 Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button RA4M2 Datasheet HTML 28Page - Renesas Technology Corp RA4M2 Datasheet HTML 29Page - Renesas Technology Corp RA4M2 Datasheet HTML 30Page - Renesas Technology Corp RA4M2 Datasheet HTML 31Page - Renesas Technology Corp RA4M2 Datasheet HTML 32Page - Renesas Technology Corp RA4M2 Datasheet HTML 33Page - Renesas Technology Corp RA4M2 Datasheet HTML 34Page - Renesas Technology Corp RA4M2 Datasheet HTML 35Page - Renesas Technology Corp RA4M2 Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 93 page
background image
Table 2.12
Power consumption of each unit
Dynamic current/
Leakage current
MCU
Domain
Category
Item
Frequency
[MHz]
Current
[uA/MHz]
Current*1
[mA]
Leakage current
Analog
LDO and Leak*2
Ta = 75 °C*3
—
—
7.82
Ta = 85 °C*3
—
—
9.13
Ta = 95 °C*3
—
—
11.08
Ta = 105 °C*3
—
—
14.33
Dynamic current
CPU
Operation with
Flash and SRAM
Coremark
100
55.556
5.56
Peripheral Unit
Timer
GPT16 (4ch)*4
100
3.575
0.36
GPT32 (4ch)*4
100
4.230
0.42
POEG (4 Groups)
50
1.361
0.07
AGT (6ch)*4
50
9.228
0.46
RTC
50
4.277
0.21
WDT
50
0.764
0.04
IWDT
50
0.339
0.02
Communication
interfaces
USBFS
50
9.385
0.47
SCI (6ch)*4
100
18.715
1.87
IIC (2ch)*4
50
3.367
0.16
CAN
50
1.898
0.09
SPI
100
3.024
0.30
QSPI
100
2.051
0.21
SSIE
50
3.208
0.16
SDHI
50
6.341
0.32
Analog
ADC12
100
2.287
0.23
DAC12 (2ch)*4
100
0.869
0.09
TSN
50
0.166
0.01
Human machine
interfaces
CTSU
50
0.605
0.03
Event link
ELC
50
0.865
0.04
Security
SCE9
100
218.100
21.81
Data processing
CRC
100
0.600
0.06
DOC
100
0.388
0.04
System
CAC
50
0.844
0.04
DMA
DMAC
100
4.479
0.45
DTC
100
4.274
0.43
Note 1. The values are guaranteed by design.
Note 2. LDO and Leak are internal voltage regulator’s current and MCU’s leakage current.
It is selected according to the temperature of Ta.
Note 3. Δ(Tj-Ta) = 20 °C is considered to measure the current.
Note 4. To determine the current consumption per channel, group or unit, divide Current [mA] by the number of channels, groups or units.
Table 2.13 shows the outline of operation for each unit.
RA4M2 Datasheet
2. Electrical Characteristics
R01DS0367EJ0140 Rev.1.40
May 9, 2025
Page 32 of 93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com