Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4M2 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # RA4M2
Description  RA4M2 Group
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4M2 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button RA4M2 Datasheet HTML 17Page - Renesas Technology Corp RA4M2 Datasheet HTML 18Page - Renesas Technology Corp RA4M2 Datasheet HTML 19Page - Renesas Technology Corp RA4M2 Datasheet HTML 20Page - Renesas Technology Corp RA4M2 Datasheet HTML 21Page - Renesas Technology Corp RA4M2 Datasheet HTML 22Page - Renesas Technology Corp RA4M2 Datasheet HTML 23Page - Renesas Technology Corp RA4M2 Datasheet HTML 24Page - Renesas Technology Corp RA4M2 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 93 page
background image
2.
Electrical Characteristics
Supported peripheral functions and pins differ from one product name to another.
Unless otherwise specified, the electrical characteristics of the MCU are defined under the following conditions:
● VCC = AVCC0 = VCC_USB = VBATT = 2.7 to 3.6 V
● 2.7 ≤ VREFH0/VREFH ≤ AVCC0
● VSS = AVSS0 = VREFL0/VREFL = VSS_USB = 0 V
● Ta = Topr
Figure 2.1 shows the timing conditions.
For example, P100
C
VOH = VCC × 0.7, VOL = VCC × 0.3
VIH = VCC × 0.7, VIL = VCC × 0.3
Load capacitance C = 30 pF
Figure 2.1
Input or output timing measurement conditions
The recommended measurement conditions for the timing specification of each peripheral provided are for the best
peripheral operation. Make sure to adjust the driving abilities of each pin to meet your conditions.
2.1
Absolute Maximum Ratings
Table 2.1
Absolute maximum ratings
Parameter
Symbol
Value
Unit
Power supply voltage
VCC, VCC_USB*2
–0.3 to +4.0
V
VBATT power supply voltage
VBATT
–0.3 to +4.0
V
Input voltage (except for 5 V-tolerant ports*1)
Vin
–0.3 to VCC + 0.3
V
Input voltage (5 V-tolerant ports*1)
Vin
–0.3 to + VCC + 4.0 (max. 5.8)
V
Reference power supply voltage
VREFH/VREFH0
–0.3 to VCC + 0.3
V
Analog power supply voltage
AVCC0*2
–0.3 to +4.0
V
Analog input voltage
VAN
–0.3 to AVCC0 + 0.3
V
Operating temperature*3 *4
Topr
–40 to +105
°C
Storage temperature
Tstg
–55 to +125
°C
Note 1. Ports P205, P206, P400, P401, P407 to P415, and P708 are 5 V tolerant.
Note 2. Connect AVCC0 and VCC_USB to VCC.
Note 3. See section 2.2.1. Tj/Ta Definition.
Note 4. Contact a Renesas Electronics sales office for information on derating operation when Ta = +85°C to +105°C. Derating is the
systematic reduction of load for improved reliability.
RA4M2 Datasheet
2. Electrical Characteristics
R01DS0367EJ0140 Rev.1.40
May 9, 2025
Page 21 of 93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com