Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3701 Datasheet (PDF) - ams-OSRAM AG

AS3701 Datasheet PDF - ams-OSRAM AG
Part # AS3701
Download  AS3701 Download
File Size   3794.7 Kbytes
Page   110 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description Micro-PMIC

AS3701 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS3701 Datasheet PDF - ams-OSRAM AG

Part # AS3701
Download  AS3701 Click to download

File Size   3794.7 Kbytes
Page   110 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description Micro-PMIC

AS3701 Datasheet (HTML) - ams-OSRAM AG


AS3701 Product details

General Description
The AS3701 is a small compact PMU for small size and low power
applications.
AS3701 features one 500mA DCDC buck converter operating
from 1MHz up to 4MHz, two 200mA LDOs, two 40mA current
sinks and offers additional GPIO functions. Further, the device
contains an integrated linear battery charger with constant
current and constant voltage operation. The wide charging
current range going from 11mA up to 500mA and the integrated
battery temperature monitoring with selectable NTC beta
values make this device suitable for a great variety of
applications.
The single supply voltage may vary from 2.7V to 5.5V and all
functionalities of AS3701 can be controlled via the I²C interface.
Applications
The device is a PMU for low power applications like sport
watches, smart watches, handheld GPS devices, mobile phones
and any other 1-cell Li+ powered devices.




Similar Part No. - AS3701

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3709 AMSCO-AS3709 Datasheet
930Kb / 74P
關PMIC with 5 DCDC and 2 LDOs
More results


Similar Description - AS3701

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65720 TI1-TPS65720_15 Datasheet
2Mb / 66P
Integrated PMIC
logo
List of Unclassifed Man...
MT6323 ETC2-MT6323 Datasheet
343Kb / 14P
PMIC Technical Brief
logo
Richtek Technology Corp...
RT5028 RICHTEK-RT5028 Datasheet
615Kb / 40P
Integrated PMIC
RT5028C RICHTEK-RT5028C_16 Datasheet
624Kb / 41P
Integrated PMIC
RT5028D RICHTEK-RT5028D Datasheet
637Kb / 41P
Integrated PMIC
RT5028E RICHTEK-RT5028E Datasheet
519Kb / 41P
Integrated PMIC
logo
Texas Instruments
TPS650330-Q1 TI1-TPS650330-Q1 Datasheet
1Mb / 8P
Automotive Camera PMIC
logo
Infineon Technologies A...
TLF35584QVHSX INFINEON-TLF35584QVHSX Datasheet
2Mb / 6P
OPTIREG??PMIC TLF35584QVHSx Functional Safety PMIC
Rev 1.0 2021-05-28
logo
Nexperia B.V. All right...
NEH2000BY NEXPERIA-NEH2000BY Datasheet
411Kb / 14P
Energy harvesting PMIC
Rev. 3.1 - 3 April 2023
logo
Infineon Technologies A...
TLF35585QVS01 INFINEON-TLF35585QVS01 Datasheet
553Kb / 10P
Functional safety PMIC
Rev. 1.0 2023-02-03
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com