Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3701 Datasheet(PDF) 10 Page - ams-OSRAM AG

Part # AS3701
Description  Micro-PMIC
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3701 Datasheet(HTML) 10 Page - ams-OSRAM AG

Back Button AS3701 Datasheet HTML 6Page - ams-OSRAM AG AS3701 Datasheet HTML 7Page - ams-OSRAM AG AS3701 Datasheet HTML 8Page - ams-OSRAM AG AS3701 Datasheet HTML 9Page - ams-OSRAM AG AS3701 Datasheet HTML 10Page - ams-OSRAM AG AS3701 Datasheet HTML 11Page - ams-OSRAM AG AS3701 Datasheet HTML 12Page - ams-OSRAM AG AS3701 Datasheet HTML 13Page - ams-OSRAM AG AS3701 Datasheet HTML 14Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 110 page
background image
ams Datasheet
Page 9
[v1-11] 2016-Dec-14
Document Feedback
AS3701 − Electrical Characteristics
All limits are guaranteed. The parameters with min and max
values are guaranteed with production tests or SQC (Statistical
Quality Control) methods.
Figure 8:
Electrical Characteristics
Electrical Characteristics: VSUP = 3.7V, VOUT < VIN – 0.5V, TAMB = -40°C to 85°C, typ. values @ TAMB = 25°C (unless
otherwise specified)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIN
Input voltage range
Pin VSUP
2.7
5.5
V
IQ_ACTIVE
Active mode
quiescent current
Normal operating current
26
μA
IQ_STAND-BY
Stand-by
quiescent current
Normal operating current
(Oscillator ON)
26
Normal operating current
(Oscillator OFF)
11.5
IPOWEROFF
Shutdown current
power_off = 1
1.2
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com