Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3701 Datasheet(PDF) 33 Page - ams-OSRAM AG

Part # AS3701
Description  Micro-PMIC
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3701 Datasheet(HTML) 33 Page - ams-OSRAM AG

Back Button AS3701 Datasheet HTML 29Page - ams-OSRAM AG AS3701 Datasheet HTML 30Page - ams-OSRAM AG AS3701 Datasheet HTML 31Page - ams-OSRAM AG AS3701 Datasheet HTML 32Page - ams-OSRAM AG AS3701 Datasheet HTML 33Page - ams-OSRAM AG AS3701 Datasheet HTML 34Page - ams-OSRAM AG AS3701 Datasheet HTML 35Page - ams-OSRAM AG AS3701 Datasheet HTML 36Page - ams-OSRAM AG AS3701 Datasheet HTML 37Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 110 page
background image
Page 32
ams Datasheet
Document Feedback
[v1-11] 2016-Dec-14
AS3701 − Detailed Description – Power Management Functions
Figure 38:
Capacitor Selection for VUSB, VSUP_CHG and VBAT
Selection of Bypass Capacitors for the Pins VUSB,
VSUP_CHG and VBAT
In most applications using the ideal capacitance values shown
in the table and the application schematic are recommended.
After evaluation of the voltage signals on these pins with real
system operational conditions at the user’s application circuit,
the user can determine if this ideal capacitance values needs to
be adjusted.
It must be kept in mind that the capacitance value depends
strongly on the rated voltage, therefore a selection of the
appropriate nominal capacitor value related to the capacitor
size is mandatory to achieve best performance under the
specific operational voltage and load current condition of the
application system.
Current Sinks
The following description of the Current Sinks refers only to the
pins GPIO1_CURR1 and GPIO2_CURR2. Hence the suffix “X”
stands either for 1 or for 2.
The AS3701 contains 2 GPIO pins (GPIO1_CURR1 and GPIO2_
CURR2), providing general purpose current sinks when the
register gpioX_mode [GPIOXcontrol] is set to CURRx input. Next
to this setting, the register gpioX_iosf [GPIOXcontrol] must be
set to one of the GPIO output functions (please see the GPIO
section in the following chapter “Detailed Description – System
Functions”).
Symbol
Parameter
Note
Min
Typ
Max
Unit
CVUSB
Input capacitor
Ceramic X5R or X7R
10
μF
CVSUP_CHG
Output capacitor
Ceramic X5R or X7R
10
μF
CVBAT
Output capacitor
Ceramic X5R or X7R
10
μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com